Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1472AKA+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1472AKA+T
Description  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472AKA+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1472AKA+T Datasheet HTML 1Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 2Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 3Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 4Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 5Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 6Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 7Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 8Page - Maxim Integrated Products MAX1472AKA+T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
300MHz-to-450MHz Low-Power,
Crystal-Based ASK Transmitter
4
_______________________________________________________________________________________
Typical Operating Characteristics
(Typical Application Circuit, VDD = 2.7V, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
6
7
8
9
10
11
12
13
5
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 315MHz
-40
°C
+25
°C
+85
°C
+125
°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
3.6
+85
°C
+125
°C
-40
°C
+25
°C
VENABLE = VIH,
VDATA = VIL,
fRF = 315MHz
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
7
8
9
10
11
12
13
6
5
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 433MHz
+25
°C
-40
°C
+125
°C
+85
°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
1.2
1.4
1.6
1.8
2.0
2.2
2.0
3.6
+125
°C
-40
°C
VENABLE = VIH,
VDATA = VIL,
fRF = 433MHz
+85
°C
+25
°C
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
6
7
8
9
10
11
12
13
14
5
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 315MHz
-40
°C
-25
°C
+85
°C
+125
°C
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.4
2.8
6
7
8
9
10
11
12
13
14
2.0
3.6
VENABLE = VIH,
VDATA = VIH,
fRF = 433MHz
-40
°C
+25
°C
+85
°C
+125
°C
REFERENCE SPUR MAGNITUDE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
-83
-81
-79
-77
-75
-73
-71
-69
-67
-65
-85
2.0
3.6
315MHz
433MHz
FREQUENCY STABILITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
-3
-2
-1
0
1
2
-4
2.0
3.6
433MHz
315MHz
TRANSMIT POWER EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.2
2.8
2.4
30
35
40
45
50
55
25
2.0
3.6
+25
°C
+85
°C
+125
°C
-40
°C
CW OUTPUT
fRF = 315MHz


Similar Part No. - MAX1472AKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472AKA+T MAXIM-MAX1472AKA+T Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472AKA+T MAXIM-MAX1472AKA+T Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
More results

Similar Description - MAX1472AKA+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
210Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 0; 5/03
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX7044 MAXIM-MAX7044 Datasheet
301Kb / 9P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com