Electronic Components Datasheet Search |
|
MAX1668 Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX1668 Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 17 page 0 8 4 16 12 20 24 FREQUENCY (MHz) TEMPERATURE ERROR vs. SUPPLY NOISE FREQUENCY 100mVP-P 0.1 1 10 100 WITH VCC 0.1 µF CAPACITOR REMOVED 2200pF BETWEEN DXN_ AND DXP_ 250mVP-P 20 -20 1 10 100 TEMPERATURE ERROR vs. PC BOARD RESISTANCE -10 LEAKAGE RESISTANCE (M Ω) 0 10 PATH = DXP_ TO GND PATH = DXP_ TO VCC (5V) -2 -1 0 1 2 3 4 -50 -10 -30 1030 50 7090 110 TEMPERATURE ERROR vs. TEMPERATURE TEMPERATURE ( °C) NPN (CMPT3904) PNP (CMPT3906) INTERNAL Typical Operating Characteristics (Typical Operating Circuit, VCC = +5V, STBY = VCC, configuration byte = X0XXXX00, TA = +25°C, unless otherwise noted.) Multichannel Remote/Local Temperature Sensors 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS (continued) (VCC = +5V, STBY = VCC, configuration byte = X0XXXX00, TA = -55°C to +125°C, unless otherwise noted.) (Note 6) Note 1: Guaranteed by design, but not production tested. Note 2: Quantization error is not included in specifications for temperature accuracy. For example, if the MAX1668/MAX1805/ MAX1989 device temperature is exactly +66.7°C, the ADC may report +66°C, +67°C, or +68°C (due to the quantization error plus the +0.5°C offset used for rounding up) and still be within the guaranteed ±1°C error limits for the +60°C to +100°C temperature range. See Table 2. Note 3: A remote diode is any diode-connected transistor from Table 1. TR is the junction temperature of the remote diode. See the Remote-Diode Selection section for remote-diode forward-voltage requirements. Note 4: The SMBus logic block is a static design that works with clock frequencies down to DC. While slow operation is possible, it violates the 10kHz minimum clock frequency and SMBus specifications, and can monopolize the bus. Note 5: Note that a transition must internally provide at least a hold time in order to bridge the undefined region (300ns max) of SMBCLK’s falling edge tHD:DAT. Note 6: Specifications from -55°C to +125°C are guaranteed by design, not production tested. CONDITIONS UNITS MIN TYP MAX PARAMETER STBY, SMBCLK, SMBDATA; VCC = 4.5V to 5.5V Logic Input High Voltage V 2.4 ALERT forced to 5.5V µA 1 ALERT Output High Leakage Current Logic inputs forced to VCC or GND µA -2 +2 Logic Input Current ALERT, SMBDATA forced to 0.4V mA 6 Logic Output Low Sink Current STBY, SMBCLK, SMBDATA; VCC = 4.5V to 5.5V V 0.8 Logic Input Low Voltage SMBus INTERFACE |
Similar Part No. - MAX1668_03 |
|
Similar Description - MAX1668_03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |