Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1300BEUG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1300BEUG
Description  8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1300BEUG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1300BEUG Datasheet HTML 2Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 3Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 4Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 5Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 6Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 7Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 8Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 9Page - Maxim Integrated Products MAX1300BEUG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
8- and 4-Channel, ±3 x VREF Multirange Inputs,
Serial 16-Bit ADCs
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Rise to DOUT Disable
tTR
40
ns
CS Fall to SCLK Rise Setup
tCSS
40
ns
CS High Minimum Pulse Width
tCSPW
40
ns
SCLK Fall to
CS Rise Hold
tCSH
0
ns
SSTRB Rise to
CS Fall Setup
(Note 4)
40
ns
DOUT Rise/Fall Time
CL = 50pF
10
ns
SSTRB Rise/Fall Time
CL = 50pF
10
ns
Note 1: Parameter tested at AVDD1 = AVDD2 = DVDD = DVDDO = 5V.
Note 2: See definitions in the
Parameter Definitions section at the end of the data sheet.
Note 3: Guaranteed by correlation with single-ended measurements.
Note 4: Not production tested. Guaranteed by design.
Note 5: To ensure external reference operation, VREFCAP must exceed (AVDD1 - 0.1V). To ensure internal reference operation, VREFCAP
must be below (AVDD1 - 0.4V). Bypassing REFCAP with a 0.1μF or larger capacitor to AGND1 sets VREFCAP
≈ 4.096V. The tran-
sition point between internal reference mode and external reference mode lies between the REFCAP buffer disable threshold
minimum and maximum values (Figures 17 and 18).
Note 6: The SCLK duty cycle can vary between 40% and 60%, as long as the tCL and tCH timing requirements are met.
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
VAVDD1 (V)
5.15
5.05
4.95
4.85
2.2
2.3
2.4
2.5
2.6
2.1
4.75
5.25
EXTERNAL CLOCK MODE
TA = +85°C
TA = +25°C
TA = -40°C
PREAMPLIFIER SUPPLY CURRENT
vs. PREAMPLIFIER SUPPLY VOLTAGE
VAVDD2 (V)
5.15
5.05
4.85
4.95
11
12
13
14
16
15
17
18
10
4.75
5.25
EXTERNAL CLOCK MODE
AIN1–AIN7 = AGND2
AIN0 = +FS
TA = +85°C
TA = +25°C
TA = -40°C
DIGITAL SUPPLY CURRENT
vs. DIGITAL SUPPLY VOLTAGE
VDVDD (V)
5.15
5.05
4.95
4.85
0.80
0.85
0.90
0.95
0.75
4.75
5.25
EXTERNAL CLOCK MODE
DATA RATE = 115ksps
TA = +85°C
TA = +25°C
TA = -40°C
Typical Operating Characteristics
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range,
CDOUT = 50pF, CSSTRB = 50pF; unless otherwise noted.)
ELECTRICAL CHARACTERISTICS (continued)
(AVDD1 = AVDD2 = DVDD = DVDDO = 5V, AGND1 = DGND = DGNDO = AGND2 = AGND3 = 0, fCLK = 3.5MHz (50% duty cycle),
external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input range
(±3 x VREF), CDOUT = 50pF, CSSTRB = 50pF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)


Similar Part No. - MAX1300BEUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1300BEUG MAXIM-MAX1300BEUG Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1300BEUG++ MAXIM-MAX1300BEUG+ Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
More results

Similar Description - MAX1300BEUG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com