Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1989MUE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1989MUE
Description  Multichannel Remote/Local Temperature Sensors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1989MUE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1989MUE Datasheet HTML 1Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 2Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 3Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 4Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 5Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 6Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 7Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 8Page - Maxim Integrated Products MAX1989MUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
0
20
40
60
80
100
120
140
160
012345
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
STBY = GND
ADD0 = ADD1 = HIGH-Z
ADD0 = ADD1 = GND
0
25
75
50
100
125
-2
2
04
6
8
RESPONSE TO THERMAL SHOCK
TIME (s)
16 QSOP IMMERSED IN
+115
°C FLUORINERT BATH
Multichannel Remote/Local
Temperature Sensors
_______________________________________________________________________________________
5
0.1
1
1000
TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
10
100
0
0.6
0.4
0.2
0.8
1.0
1.2
1.4
1.6
1.8
2.0
SQUARE-WAVE AC-COUPLED INTO DXN
2200pF BETWEEN DXN_ AND DXP_
100mVP-P
50mVP-P
Typical Operating Characteristics (continued)
(Typical Operating Circuit, VCC = +5V, STBY = VCC, configuration byte = X0XXXX00, TA = +25°C, unless otherwise noted.)
TEMPERATURE ERROR
vs. DXP_ TO DXN_ CAPACITANCE
DXP_ TO DXN_ CAPACITANCE (nF)
-10
-6
-8
-2
-4
2
0
4
020
30
10
40
50
60
STANDBY SUPPLY CURRENT
vs. CLOCK FREQUENCY
SMBCLK FREQUENCY (kHz)
60
0
10
20
30
40
50
1
10
100
1000
STBY = GND
VCC = 5V
VCC = 3.3V


Similar Part No. - MAX1989MUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1989MUE MAXIM-MAX1989MUE Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
More results

Similar Description - MAX1989MUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668 Datasheet
285Kb / 17P
   Multichannel Remote/Local Temperature Sensors
Rev 2; 5/03
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
   Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
logo
Texas Instruments
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6655 MAXIM-MAX6655_V01 Datasheet
1Mb / 19P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
2021
MAX31725 MAXIM-MAX31725_V01 Datasheet
483Kb / 15P
   짹0.5째C Local Temperature Sensors
2014
MAX6655 MAXIM-MAX6655_06 Datasheet
366Kb / 18P
   Dual Remote/Local Temperature Sensors and Four-Channel Voltage Monitors
Rev 1; 5/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com