Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1960 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1960
Description  2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1960 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1960 Datasheet HTML 1Page - Maxim Integrated Products MAX1960 Datasheet HTML 2Page - Maxim Integrated Products MAX1960 Datasheet HTML 3Page - Maxim Integrated Products MAX1960 Datasheet HTML 4Page - Maxim Integrated Products MAX1960 Datasheet HTML 5Page - Maxim Integrated Products MAX1960 Datasheet HTML 6Page - Maxim Integrated Products MAX1960 Datasheet HTML 7Page - Maxim Integrated Products MAX1960 Datasheet HTML 8Page - Maxim Integrated Products MAX1960 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM
Step-Down Controllers with Voltage Margining
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS
(VVCC = 3.3V, Circuits of Figures 9–12, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Input Voltage Range
2.35
5.50
V
VCC Input Voltage UVLO
Rising or falling
1.95
2.3
V
VDD Input Voltage UVLO
Rising or falling
3.90
4.45
V
Output Voltage
0.8
V
MAX1960/MAX1962 (measured at FB)
0.795
0.805
SEL = GND
1.492
1.508
SEL = REF
1.789
1.809
SEL not connected
2.482
2.517
DC Output Accuracy
MAX1961/MAX1962
(FB = VDD),
measured at output
SEL = VDD
3.272
3.339
V
Positive Voltage-Margining Shift
MAX1960/MAX1961
3.8
4.2
%
Negative Voltage-Margining Shift
MAX1960/MAX1961
-3.8
-4.2
%
FB Input Bias Current
-0.2
+0.2
µA
Feedback Transconductance
1
3
mS
COMP Discharge Resistance
In shutdown
100
FSET/SYNC = GND
450
550
Switching Frequency
FSET/SYNC = VCC
880
1120
kHz
SYNC Frequency Range
450
1200
kHz
Maximum Duty Cycle
f = 1MHz
80
%
Maximum Duty Cycle
f = 500kHz
90
%
Quiescent Supply Current
15
mA
Shutdown Supply Current
15
µA
2.7V
≤ VVCC ≤ 5.5V, ILOAD = 1mA to 50mA
4.75
5.25
2.35V
≤ VVCC ≤ 2.7V, ILOAD = 1mA to 35mA,
C1 = 4.7µF, C6 = 22µF
4.45
5.25
VDD Output Voltage
2.35V
≤ VVCC ≤ 3.6V with tripler, ILOAD = 1mA
to 50mA (circuit of Figure 12)
4.75
5.25
V
Reference Voltage (No Load)
1.267
1.291
V
Positive Current-Limit Threshold
(VCS - VOUT)
MAX1962, VOUT = 2V
45
56
mV
Negative Current-Limit Threshold
(VOUT - VCS)
MAX1962, VOUT = 2V
42
64
mV
CS Bias Current
MAX1962, VCS = 3.3V
50
µA
OUT Bias Current
MAX1961/MAX1962, VOUT = 3.3V
50
µA
Current-Limit Threshold (Positive
Direction, Fixed, VPGND - VLX)
MAX1960/MAX1961, ILIM = VDD
58
90
mV
Current-Limit Threshold (Negative
Direction, Fixed, VLX - VPGND)
MAX1960/MAX1961, ILIM = VDD
50
85
mV
MAX1960/MAX1961, RILIM = 160k
100
135
Current-Limit Threshold (Positive
Direction, Adjustable, VPGND - VLX)
RILIM = 400k
250
306
mV


Similar Part No. - MAX1960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960EEP MAXIM-MAX1960EEP Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
More results

Similar Description - MAX1960

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1951 MAXIM-MAX1951 Datasheet
380Kb / 15P
   1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Rev 2; 6/09
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
   1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com