Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1961 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1961
Description  2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1961 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1961 Datasheet HTML 3Page - Maxim Integrated Products MAX1961 Datasheet HTML 4Page - Maxim Integrated Products MAX1961 Datasheet HTML 5Page - Maxim Integrated Products MAX1961 Datasheet HTML 6Page - Maxim Integrated Products MAX1961 Datasheet HTML 7Page - Maxim Integrated Products MAX1961 Datasheet HTML 8Page - Maxim Integrated Products MAX1961 Datasheet HTML 9Page - Maxim Integrated Products MAX1961 Datasheet HTML 10Page - Maxim Integrated Products MAX1961 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM
Step-Down Controllers with Voltage Margining
_______________________________________________________________________________________
7
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
100
200
300
400
500
600
700
800
900
1000
1100
0
-40
85
FSET/SYNC = VCC
FSET/SYNC = GND
CHARGE-PUMP OUTPUT VOLTAGE
vs. CHARGE-PUMP LOAD CURRENT, 1MHz
CHARGE-PUMP LOAD CURRENT (mA)
150
100
50
4.6
4.7
4.8
VIN = 3.3V
VIN = 2.5V
4.9
5.0
5.1
5.2
4.5
0
200
C1 = 0.47
µF
C6 = 2.2
µF
CHARGE-PUMP OUTPUT VOLTAGE
vs. CHARGE-PUMP LOAD CURRENT, 500kHz
CHARGE-PUMP LOAD CURRENT (mA)
150
100
50
4.6
4.7
4.8
VIN = 3.3V
VIN = 2.5V
4.9
5.0
5.1
5.2
4.5
0200
C1 = 1
µF
C6 = 4.7
µF
TRIPLER CHARGE-PUMP OUTPUT VOLTAGE
vs. CHARGE-PUMP LOAD CURRENT, 1MHz
CHARGE-PUMP LOAD CURRENT (mA)
30
20
10
4.6
4.7
4.8
4.9
5.0
5.1
5.2
4.5
040
50
VIN = 2.5V
CIRCUIT OF FIGURE 12
C10, C11, C12 = 0.47
µF
C6 = 2.2
µF
TRIPLER CHARGE-PUMP OUTPUT VOLTAGE
vs. CHARGE-PUMP LOAD CURRENT, 500kHz
CHARGE-PUMP LOAD CURRENT (mA)
30
20
10
4.6
4.7
4.8
4.9
5.0
5.1
5.2
4.5
040
50
VIN = 2.5V
C10, C11, C12 = 1
µF
C6 = 4.7
µF
CIRCUIT OF FIGURE 12
MAX1960/MAX1961
CURRENT-LIMIT THRESHOLD
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
100
50
150
200
250
300
350
0
-40
85
RILIM = 390k
ILIM = VDD
MAX1962
CURRENT-LIMIT THRESHOLD
VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
47.5
48.0
48.5
49.0
49.5
50.0
50.5
51.0
51.5
52.0
47.0
-40
85
Typical Operating Characteristics (continued)
(Circuit of Figure 9, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1961 MAXIM-MAX1961 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1961EEP MAXIM-MAX1961EEP Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
More results

Similar Description - MAX1961

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1951 MAXIM-MAX1951 Datasheet
380Kb / 15P
   1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Rev 2; 6/09
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
   1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com