Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1962 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1962
Description  2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1962 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1962 Datasheet HTML 1Page - Maxim Integrated Products MAX1962 Datasheet HTML 2Page - Maxim Integrated Products MAX1962 Datasheet HTML 3Page - Maxim Integrated Products MAX1962 Datasheet HTML 4Page - Maxim Integrated Products MAX1962 Datasheet HTML 5Page - Maxim Integrated Products MAX1962 Datasheet HTML 6Page - Maxim Integrated Products MAX1962 Datasheet HTML 7Page - Maxim Integrated Products MAX1962 Datasheet HTML 8Page - Maxim Integrated Products MAX1962 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2.35V to 5.5V, 0.5% Accurate, 1MHz PWM
Step-Down Controllers with Voltage Margining
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, CTL_, CS, FSET/SYNC, SEL, EN,
OUT to GND ..........................................................-0.3V to +6V
ILIM, COMP, REF, FB, CLKOUT,
C- to GND ..............................................-0.3V to VAVDD + 0.3V
C+ to GND.............-0.3V to higher of VVCC + 1V or VVDD + 0.3V
VDD, AVDD to GND ..............-0.3V to higher of VVCC - 0.3V or 6V
DL to PGND ................................................-0.3V to VVDD + 0.3V
BST to GND ............................................................-0.3V to +12V
DH to LX ...................................................................-0.3V to +6V
LX to BST..................................................................-6V to +0.3V
PGND to GND, or VDD to AVDD ............................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
20-Pin QSOP (derate up to +70°C)..............................727mW
20-Pin QSOP (derate above +70°C) ........................9.1mW/°C
Operating Temperature Range (Extended).........-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VVCC = 3.3V, Circuits of Figures 9–12, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Input Voltage Range
2.35
5.5
V
VCC Input Voltage UVLO
Rising or falling, hysteresis = 33mV (typ)
1.95
2.3
V
VDD Input Voltage UVLO
Rising or falling, hysteresis = 44mV (typ)
3.9
4.45
V
Output Voltage
0.8
V
MAX1960/MAX1962 (measured at FB)
0.796
0.800
0.804
SEL = GND
1.492
1.500
1.508
SEL = REF
1.791
1.800
1.809
SEL not connected
2.487
2.500
2.514
DC Output Accuracy
MAX1961/
MAX1962 (FB = VDD),
measured at output
SEL = VDD
3.272
3.300
3.336
V
Positive Voltage-Margining Shift
MAX1960/MAX1961
+3.8
+4
+4.2
%
Negative Voltage-Margining Shift
MAX1960/MAX1961
-3.8
-4
-4.2
%
Load Regulation Error
0V to full load
0.08
%
Line Regulation Error
VVCC = 2.7V to 5.5V
0.1
%
FB Input Bias Current
-0.2
+0.2
µA
Feedback Transconductance
1
2
3
mS
COMP Discharge Resistance
In shutdown
10
100
DC-DC Soft-Start Time
1280
cycles
FSET/SYNC = GND
450
500
550
Switching Frequency
FSET/SYNC = VCC
880
1000
1120
kHz
SYNC Frequency Range
450
1200
kHz
Maximum Duty Cycle
f = 1MHz
80
83
%
Maximum Duty Cycle
f = 500kHz
90
92
%
Quiescent Supply Current
11
15
mA
Shutdown Supply Current
15
µA


Similar Part No. - MAX1962

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1962 MAXIM-MAX1962 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1962EEP MAXIM-MAX1962EEP Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
More results

Similar Description - MAX1962

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1955 MAXIM-MAX1955 Datasheet
625Kb / 22P
   1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Rev 0; 1/03
MAX1951A MAXIM-MAX1951A Datasheet
951Kb / 12P
   1MHz, 2A, 2.6V to 5.5V Input, PWM DC-DC Step-Down Regulator with Enable
Rev 0; 7/09
logo
Analog Devices
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1951 MAXIM-MAX1951 Datasheet
380Kb / 15P
   1MHz, All-Ceramic, 2.6V to 5.5V Input, 2A PWM Step-Down DC-to-DC Regulators
Rev 2; 6/09
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
   1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
MAX8505 MAXIM-MAX8505 Datasheet
245Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Rev 0; 10/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com