Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1992 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1992
Description  Quick-PWM Step-Down Controllers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1992 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1992_05 Datasheet HTML 1Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 2Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 3Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 4Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 5Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 6Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 7Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 8Page - Maxim Integrated Products MAX1992_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Quick-PWM Step-Down Controllers with Inductor
Saturation Protection and Dynamic Output Voltages
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, VCC = VDD = SHDN = 5V, SKIP = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DL Gate Driver Sink Current
IDL(SINK)
DL forced to 2.5V
3
A
DL rising
35
Dead Time
tDEAD
DH rising
26
ns
INPUTS AND OUTPUTS
OD On-Resistance
ROD
GATE = VCC
10
25
Ω
OD Leakage Current
GATE = GND, OD forced to 5.5V
1
200
nA
Logic Input Threshold
SHDN, SKIP, GATE
rising edge, hysteresis = 225mV
1.20
1.7
2.20
V
Logic Input Current
SHDN, SKIP, GATE
-1
+1
µA
High
1.9
2.0
2.1
Dual Mode™ Threshold Voltage
MAX1992 FB
Low
0.05
0.1
0.15
V
High
VCC -
0.4V
Open
3.15
3.85
REF
1.65
2.35
Four-Level Input Logic Levels
TON, OVP/UVP,
LSAT, FBLANK
Low
0.5
V
Four-Level Logic Input Current
TON, OVP/UVP, LSAT,
FBLANK forced to GND or VCC
-3
+3
µA
ELECTRICAL CHARACTERISTICS
(V+ = 15V, VCC = VDD = SHDN = 5V, SKIP = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
PWM CONTROLLER
VIN
Battery voltage, V+
2
28
Input Voltage Range
VBIAS
VCC, VDD
4.5
5.5
V
FB = GND
2.462
2.538
Output Voltage Accuracy
(MAX1992 Fixed)
VOUT
MAX1992,
V+ = 4.5V to 28V,
SKIP = VCC
(Note 2)
FB = VCC
1.773
1.827
V
Feedback Voltage Accuracy
(MAX1992 Adjustable)
VFB
MAX1992, V+ = 4.5V to 28V,
SKIP = VCC
(Note 2)
0.689
0.711
V
REFIN = 0.35
× REF
0.689
0.711
Feedback Voltage Accuracy
(MAX1993)
VFB
MAX1993,
V+ = 4.5V to 28V,
SKIP = VCC
(Note 2)
REFIN = REF
1.970
2.030
V
TON = GND (600kHz)
170
219
TON = REF (450kHz)
213
273
TON = open (300kHz)
316
389
On-Time
tON
V+ = 15V,
VOUT = 1.5V
(Note 3)
TON = VCC (200kHz)
461
571
ns
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX1992_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1992ETG MAXIM-MAX1992ETG Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
More results

Similar Description - MAX1992_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887 MAXIM-MAX1887 Datasheet
1,018Kb / 33P
   Quick-PWM Slave Controllers for Multiphase, Step-Down
Rev 1; 9/02
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
   PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
   Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com