Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05RF1V Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ05RF1V
Description  1A Output Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF1V Datasheet(HTML) 2 Page - Sharp Corporation

  PQ05RF1V Datasheet HTML 1Page - Sharp Corporation PQ05RF1V Datasheet HTML 2Page - Sharp Corporation PQ05RF1V Datasheet HTML 3Page - Sharp Corporation PQ05RF1V Datasheet HTML 4Page - Sharp Corporation PQ05RF1V Datasheet HTML 5Page - Sharp Corporation PQ05RF1V Datasheet HTML 6Page - Sharp Corporation PQ05RF1V Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low Power-Loss Voltage Regulators
Parameter
Symbol
Rating
Unit
VIN
VC
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
35
35
1
1.5
15
150
-20 to +80
-40 to +150
260 (For 10s)
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control
terminal voltage
Output current
Power dissipation (No heat sink)
Power dissipation (With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*1 All are open except GND and applicable terminals.
*2 Overheat protection may operate at 125=<Tj=<150˚C
s Absolute Maximum Ratings
PQ05RF1 series
PQ05RF11 series
(Ta=25˚C)
Parameter
Symbol
Conditions
VO
RegL
RegI
TCVO
RR
Vi-O
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iq
VO (ADJ)
Output voltage
Load regulation
Line regulation
Temperature coefficient of output voltage
Ripple rejection
Dropout voltage
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Output voltage minute
adjustment characteristics
Unit
MAX.
TYP.
MIN.
PQ05RF1/PQ05RF1V
PQ09RF1/PQ09RF1V
PQ12RF1/PQ12RF1V
PQ05RF11
PQ09RF11
PQ12RF11
4.75
8.55
11.4
4.88
8.78
11.7
-
-
-
45
55
-
2.0 *6
-
-
-
-
4.5
8.1
10.8
-
IO=5mA to 1A
*4
Tj=0 to 125˚C
Refer to Fig. 2.
*5
-
VC=2.7V
-
VC=0.4V
IO=0
-
5.0
9.0
12.0
5.0
9.0
12.0
0.1
0.5
±0.02
55
-
-
-
-
-
-
-
5.0
9.0
12.0
5.25
9.45
12.6
5.12
9.22
12.3
2.0
2.5
-
-
-
0.5
-
20
0.8
-0.4
10
5.5
9.9
13.2
V
%
%
%/˚C
dB
V
V
µA
V
mA
mA
V
PQ05RF1/PQ05RF11 series
PQ05RF1V series
PQ05RF1/PQ05RF11 series
PQ05RF1/PQ05RF11 series
PQ05RF1/PQ05RF11 series
PQ05RF1/PQ05RF11 series
PQ05RF1V
PQ09RF1V
PQ12RF1V
*3
PQ05RF1 series:VIN=7V, PQ09RF1 seris:VIN=15V, PQ12RF1 seris:VIN=18V
*4
PQ05RF1/PQ05RF11/PQ05RF1V:VIN=6 to 12V
PQ09RF1/PQ09RF11/PQ09RF1V:VIN=10 to 25V
PQ12RF1/PQ12RF11/PQ12RF1V:VIN=13 to 29V
*5 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
*6 In case of opening control terminal 4, output voltage turns on. (PQ05RF1/PQ05RF11 series)
s Electrical Characteristics
(Unless othewise specified, condition shall be Io=0.5A, Ta=25˚C,*3)
PQ05RF1 Series


Similar Part No. - PQ05RF1V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF1V SHARP-PQ05RF1V Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ05RF1V

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
   1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05RA1 SHARP-PQ05RA1 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com