Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ09RF1 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ09RF1
Description  1A Output Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ09RF1 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ09RF1 Datasheet HTML 1Page - Sharp Corporation PQ09RF1 Datasheet HTML 2Page - Sharp Corporation PQ09RF1 Datasheet HTML 3Page - Sharp Corporation PQ09RF1 Datasheet HTML 4Page - Sharp Corporation PQ09RF1 Datasheet HTML 5Page - Sharp Corporation PQ09RF1 Datasheet HTML 6Page - Sharp Corporation PQ09RF1 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Fig.1 Test Circuit
Low Power-Loss Voltage Regulators
PQ05RF1 Series
Fig.3 Power Dissipation vs. Ambient
Temperature
Fig.5 Output Voltage Minute Adjustment
Characteristics (PQ05RF1V)
Fig.6 Output Voltage Minute Adjustment
Characteristics (PQ09RF1V)
Fig.4 Overcurrent Protection
Characteristics (Typical Value)
0
-25
0
PD1
PD2
PD1 :No heat sink
PD2 :With infinite heat sink
50
100
150
5
10
15
20
Ambient temperature Ta (˚C)
Note) Oblique line portion:Overheat protection may operate
in this area.
0
0.5
1.0
1.5
2.0
100
80
40
60
20
0
Output current IO (A)
10
2
10
3
10
4
4.5
5.0
5.5
6.0
R1=390
R1=1k
R1=
3.9k
R2 (
Ω)
10
3
10
4
10
5
8.1
9.0
9.9
R1=390
R1=1k
R1=3.9k
R2 (
Ω)
Fig.2 Test Circuit of Ripple Rejection
q
3
q
2
q
1
q
4
A
V
A
A
VIN
Iq
IC
IO
VO
VC
RL
0.33
µF
47
µF
+
q
3
q
2
q
1
q
4
A
V
A
VIN
Iq
IO
VO
RL
0.33
µF
3.3
µF
PQ05RF1/PQ05RF11series
PQ05RF1Vseries
47
µF
+
+
3.3
µF
PQ05RF1/PQ05RF11series
PQ05RF1Vseries
q
3
q
2
q
1
q
4
V
ei
VIN
eO
RL
0.33
µF
47
µF
+
+
~
~
q
3
q
2
q
1
q
4
V
ei
VIN
eO
RL
0.33
µF
47
µF
+
+
~
~
+
f=120Hz (sine wave)
ei=0.5Vrms
RR=20 log (ei/eo)
f=120Hz (sine wave)
ei=0.5Vrms
RR=20 log (ei/eo)


Similar Part No. - PQ09RF1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ09RF1 SHARP-PQ09RF1 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ09RF11 SHARP-PQ09RF11 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ09RF1V SHARP-PQ09RF1V Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ09RF1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
   1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05RA1 SHARP-PQ05RA1 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com