Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2667EWT+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2667EWT+T
Description  GPS/GNSS Ultra-Low-Noise-Figure LNAs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2667EWT+T Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX2667EWT+T Datasheet HTML 1Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 2Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 3Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 4Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 5Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 6Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 7Page - Maxim Integrated Products MAX2667EWT+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GPS/GNSS Ultra-Low-Noise-Figure LNAs
6
Table 1. MAX2667 Typical Device S-Parameter Values and K-Factor
Table 2. MAX2669 Typical Device S-Parameter Values and K-Factor
Shutdown
The devices include a shutdown feature to turn off the
entire chip. Apply a logic-high to the SHDN pin to place
the part in the active mode, and a logic-low to place the
part in the shutdown mode.
Applications Information
A properly designed PCB is essential to any RF micro-
wave circuit. Use controlled-impedance lines on all
high-frequency inputs and outputs. Bypass VCC with
decoupling capacitors located close to the device. For
long VCC lines, it may be necessary to add decoupling
capacitors. Locate these additional capacitors further
away from the device package. Proper grounding of
the GND_ pins is essential. If the PCB uses a topside
RF ground, connect it directly to the GND_ pins. For a
board where the ground is not on the component layer,
connect the GND_ pins to the board with multiple vias
close to the package.
FREQ.
(MHz)
S11 MAG
(dB)
S11
PHASE
(Degrees)
S21 MAG
(dB)
S21
PHASE
(Degrees)
S12 MAG
(dB)
S12
PHASE
(Degrees)
S22 MAG
(dB)
S22
PHASE
(Degrees)
Kf
1000
-2.0
-47.7
6.0
-100.0
-47.5
-148.0
-1.0
-55.0
5.1
1100
-2.1
-48.6
7.4
-100.6
-45.7
-150.0
-1.0
-58.1
3.8
1200
-2.2
-51.6
9.6
-107.3
-42.9
-153.5
-1.4
-65.4
3.1
1300
-2.4
-55.0
12.0
-117.2
-39.6
-160.2
-2.1
-74.1
2.5
1400
-2.7
-58.6
14.0
-129.5
-37.0
-168.5
-3.6
-85.5
2.3
1500
-6.5
-61.9
16.2
-146.5
-34.1
178.5
-7.4
-100.0
2.8
1575
-4.3
-62.3
17.1
-164.2
-32.9
162.8
-15.3
-100.8
2.1
1600
-4.6
-61.6
17.3
-170.6
-32.8
156.6
-20.6
-78.9
2.0
1700
-5.4
-55.3
17.1
165.5
-32.5
136.5
-9.5
10.0
1.8
1800
-5.2
-49.8
15.7
145.8
-33.8
121.6
-4.5
-2.4
1.6
1900
-4.8
-47.3
13.9
135.2
-35.2
113.8
-2.7
-13.2
1.6
2000
-4.5
-46.7
12.7
127.3
-36.7
109.6
-1.8
-21.2
1.5
FREQ.
(MHz)
S11 MAG
(dB)
S11
PHASE
(Degrees)
S21 MAG
(dB)
S21
PHASE
(Degrees)
S12 MAG
(dB)
S12
PHASE
(Degrees)
S22 MAG
(dB)
S22
PHASE
(Degrees)
Kf
1000
-3.0
-57.0
10.8
-120.0
-43.0
-154.0
-1.3
-65.0
3.2
1100
-3.3
-58.2
11.6
-124.5
-42.1
-155.0
-1.6
-70.2
3.3
1200
-3.5
-60.0
13.4
-134.6
-39.3
-160.5
-2.4
-79.6
2.8
1300
-3.8
-62.3
14.9
-148.0
-37.2
-168.3
-4.0
-90.0
2.7
1400
-4.3
-63.3
15.9
-162.3
-35.4
-178.2
-7.3
-101.0
2.7
1500
-4.9
-62.0
16.6
-178.9
-33.9
171.0
-14.5
-100.6
2.6
1575
-5.3
-59.7
16.6
168.0
-33.5
161.7
-19.6
-26.0
2.5
1600
-5.4
-58.5
16.5
163.9
-33.6
157.5
-16.7
-6.0
2.5
1700
-5.5
-53.7
15.8
149.3
-33.6
148.3
-9.0
3.6
2.3
1800
-5.3
-50.3
14.7
136.8
-34.2
142.5
-5.7
-2.8
2.2
1900
-5.1
-48.0
13.4
130.0
-35.1
139.6
-4.0
-9.6
2.3
2000
-4.9
-46.3
12.7
123.9
-35.8
138.6
-3.0
-15.0
2.1


Similar Part No. - MAX2667EWT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2667EWT MAXIM-MAX2667EWT_12 Datasheet
1Mb / 9P
   GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 1; 9/12
More results

Similar Description - MAX2667EWT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2667 MAXIM-MAX2667_12 Datasheet
1Mb / 9P
   GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 1; 9/12
MAX2679 MAXIM-MAX2679 Datasheet
540Kb / 9P
   GPS/GNSS Ultra-Low Current Low-Noise Amplifier
Rev 0; 3/17
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2687 MAXIM-MAX2687 Datasheet
1Mb / 11P
   GPS/GNSS Low-Noise Amplifiers
Rev 1; 5/12
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com