Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2669EWT+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2669EWT+T
Description  GPS/GNSS Ultra-Low-Noise-Figure LNAs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2669EWT+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2669EWT+T Datasheet HTML 1Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 2Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 3Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 4Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 5Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 6Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 7Page - Maxim Integrated Products MAX2669EWT+T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GPS/GNSS Ultra-Low-Noise-Figure LNAs
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VCC to GND_........................................................-0.3V to +3.6V
RFOUT and BIAS to GND_ ..... -0.3V to (Operating VCC + 0.3V)
Maximum RF Input Power ............................................... +5dBm
Continuous Power Dissipation (TA = +70°C)
WLP (derates 10.5mW/°C above +70°C) ....................840mW
Maximum Current into RF Input .........................................10mA
Operating Temperature Range.......................... -40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range............................ -65°C to +160°C
Soldering Temperature (reflow) (Note 1) ........................+260°C
DC ELECTRICAL CHARACTERISTICS
(MAX2667/MAX2669 EV kit. VCC = 1.6V to 3.3V, no RF signals are applied, TA = -40°C to +85°C. Typical values are at VCC = 2.85V
and TA = +25°C, unless otherwise noted.) (Note 2)
AC ELECTRICAL CHARACTERISTICS
(MAX2667/MAX2669 EV kit. VCC = 1.6V to 3.3V, fRFIN = 1575.42MHz, TA = -40°C to +85°C. Typical values are at VCC = 2.85V and
TA = +25°C, unless otherwise noted.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Refer to Application Note 1891: Wafer-level packaging (WLP) and its applications.
CAUTION! ESD SENSITIVE DEVICE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
1.6
2.85
3.3
V
Supply Current
SHDN = high
MAX2667
4.1
mA
MAX2669
7.7
Shutdown mode, SHDN = low
10
F
A
Digital Input Logic-High
TA = +25°C
1.2
V
Digital Input Logic-Low
TA = +25°C
0.45
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency
L1 band
1575.42
MHz
Power Gain
VCC = 2.85V
MAX2667
15.0
19.5
dB
MAX2669
14.6
17.7
VCC = 1.6V
MAX2667
14.8
19.4
MAX2669
14.3
17.6
Noise Figure
VCC = 1.8V
0.65
dB
VCC = 3.3V
0.65
In-Band 3rd-Order Input
Intercept Point
(Note 3)
MAX2667
-3.5
dBm
MAX2669
+4.5
Out-of-Band 3rd-Order Input
Intercept Point
(Note 4)
MAX2667
+2.5
dBm
MAX2669
+8
Input 1dB Compression Point
(Note 5)
MAX2667
-12.5
dBm
MAX2669
-10
Input Return Loss
10
dB
Output Return Loss
15
dB
Reverse Isolation
30
dB


Similar Part No. - MAX2669EWT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2669EWT MAXIM-MAX2669EWT_12 Datasheet
1Mb / 9P
   GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 1; 9/12
More results

Similar Description - MAX2669EWT+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2667 MAXIM-MAX2667_12 Datasheet
1Mb / 9P
   GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 1; 9/12
MAX2679 MAXIM-MAX2679 Datasheet
540Kb / 9P
   GPS/GNSS Ultra-Low Current Low-Noise Amplifier
Rev 0; 3/17
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2687 MAXIM-MAX2687 Datasheet
1Mb / 11P
   GPS/GNSS Low-Noise Amplifiers
Rev 1; 5/12
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2657 MAXIM-MAX2657 Datasheet
425Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 9/09
MAX2686 MAXIM-MAX2686 Datasheet
905Kb / 8P
   GPS/GNSS Low-Noise Amplifiers
Rev 0; 8/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com