Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2685 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2685
Description  Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2685 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2685_00 Datasheet HTML 2Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 3Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 4Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 5Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 6Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 7Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 8Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 9Page - Maxim Integrated Products MAX2685_00 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low-Cost, 900MHz, Low-Noise Amplifier
and Downconverter Mixer
6
_______________________________________________________________________________________
Pin Description
NAME
FUNCTION
1, 3, 8,
11, 12, 14
GND
Ground. Connect to ground plane with a low-inductance connection.
2
LNAIN
RF Input to LNA and LNA Bypass Switch. Requires an external matching network and a series
DC-blocking capacitor.
PIN
4
GAIN
Gain Control Logic-Level Input. Drive high to enable the LNA, open the LNA bypass switch, and
increase the receiver’s gain. Drive low to disable the LNA, close the LNA bypass switch, and reduce
the receiver’s gain.
5, 15
VCC
Supply Voltage. Bypass VCC to GND at each pin with a 47pF capacitor as close to the pin as possible.
6
SHDN
Shutdown Control Logic-Level Input. Drive high or connect to VCC for normal operation. Drive low to
place the device in low-power shutdown mode.
7
LO
Local-Oscillator Input to Downconverter Mixer. Requires a series DC-blocking capacitor and an imped-
ance-setting resistor (typically 75
Ω to ground).
9
IFOUT-
Inverting Side to Downconverter Mixer’s Differential Open-Collector IF Output. Requires a pull-up induc-
tor to VCC for proper biasing, as well as a matching network to ensure optimum output power.
10
IFOUT+
Noninverting Side of Downconverter Mixer’s Differential Open-Collector IF Output. Requires a pull-up
inductor to VCC for proper biasing, as well as a matching network to ensure optimum output power.
13
MIXIN
RF Input to Downconverter Mixer. Requires an external matching network and series DC-blocking
capacitor.
16
LNAOUT
LNA Output. Internally matched to 50
Ω. LNAOUT has an internal blocking capacitor.
LNA
INPUT
880MHz
MAX2685
6pF
6pF
3.3pF
300pF
300pF
LNA
OUTPUT
MIXER
INPUT
880MHz
47pF
12pF
IF
OUTPUT
80MHz
1
2
3
4
5
0.1
µF
12nH
6
7
330pF
75
8
12
13
14
15
16
11
10
9
GND
LNAOUT
MIXIN
GND
*OPTIONAL FOR BROADBAND MATCH.
R*
IFOUT-
IFOUT+
680nH
820nH
LO
LNAIN
VCC
VCC
VCC
VCC
47pF
GAIN
VCC
SHDN
GND
GND
GND
GND
GAIN-
CONTROL
INPUT
SHUTDOWN
INPUT
1000pF
LO
INPUT
960MHz
Figure 1. Typical Operating Circuit


Similar Part No. - MAX2685_00

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2685EEE MAXIM-MAX2685EEE Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
MAX2685EVKIT MAXIM-MAX2685EVKIT Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
More results

Similar Description - MAX2685_00

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com