Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2838 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX2838
Description  3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2838 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX2838 Datasheet HTML 7Page - Maxim Integrated Products MAX2838 Datasheet HTML 8Page - Maxim Integrated Products MAX2838 Datasheet HTML 9Page - Maxim Integrated Products MAX2838 Datasheet HTML 10Page - Maxim Integrated Products MAX2838 Datasheet HTML 11Page - Maxim Integrated Products MAX2838 Datasheet HTML 12Page - Maxim Integrated Products MAX2838 Datasheet HTML 13Page - Maxim Integrated Products MAX2838 Datasheet HTML 14Page - Maxim Integrated Products MAX2838 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
3.3GHz to 3.9GHz
Wireless Broadband RF Transceiver
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(VCC = 2.8V, TA = +25°C, fLO = 3.6GHz, fREF = 40MHz, CS = high, RXHP = SCLK = DIN = low, RF BW = 7MHz, using the MAX2838
Evaluation Kit.)
Rx DC OFFSET SETTLING RESPONSE
(+8dB BB VGA GAIN STEP)
10μs/div
2V/div
10mV/div
VGA GAIN CONTROL
Rx DC OFFSET SETTLING RESPONSE
(-8dB BB VGA GAIN STEP)
10μs/div
2V/div
10mV/div
VGA GAIN CONTROL
Rx DC OFFSET SETTLING RESPONSE
(-16dB BB VGA GAIN STEP)
10μs/div
2V/div
10mV/div
VGA GAIN CONTROL
Rx DC OFFSET SETTLING RESPONSE
(-32dB BB VGA GAIN STEP)
10μs/div
2V/div
10mV/div
VGA GAIN CONTROL
Rx BBVGA SETTLING RESPONSE
(+8dB GAIN STEP)
200ns/div
100mV/div
2V/div
VGA GAIN CONTROL
Rx BBVGA SETTLING RESPONSE
(-8dB BB VGA GAIN STEP)
200ns/div
100mV/div
2V/div
VGA GAIN CONTROL
Rx BBVGA SETTLING RESPONSE
(-16dB GAIN STEP)
200ns/div
500mV/div
2V/div
VGA GAIN CONTROL
Rx BBVGA SETTLING RESPONSE
(-32dB GAIN STEP)
200ns/div
1V/div
2V/div
VGA GAIN CONTROL
Rx LNA SETTLING RESPONSE
(MAX TO MAX - 8dB)
1μs/div
500mV/div
2V/div
LNA GAIN CONTROL


Similar Part No. - MAX2838

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2838 MAXIM-MAX2838 Datasheet
1Mb / 13P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 0; 7/08
MAX2838EVKIT MAXIM-MAX2838EVKIT Datasheet
1Mb / 13P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 0; 7/08
MAX2838EVKIT++ MAXIM-MAX2838EVKIT+ Datasheet
1Mb / 13P
   On-Board Line Driver and Voltage Reference Evaluation Kit
Rev 0; 7/08
More results

Similar Description - MAX2838

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
logo
Broadcom Corporation.
ALM-32320 BOARDCOM-ALM-32320 Datasheet
698Kb / 11P
   3.3GHz ??3.9GHz 2 Watt High Linearity Amplifier
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
logo
AVAGO TECHNOLOGIES LIMI...
ALM-32320 AVAGO-ALM-32320 Datasheet
1,006Kb / 11P
   3.3GHz 3.9GHz 2 Watt High Linearity Amplifier
logo
Texas Instruments
TRF2443 TI-TRF2443 Datasheet
1Mb / 72P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
TRF2443_15 TI-TRF2443_15_15 Datasheet
1Mb / 85P
[Old version datasheet]   Integrated IF Transceiver for Broadband Wireless Applications
logo
List of Unclassifed Man...
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
   Wireless Voice Transceiver RF Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com