Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP60 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # 5KP60
Description  Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

5KP60 Datasheet(HTML) 2 Page - Diotec Semiconductor

  5KP60 Datasheet HTML 1Page - Diotec Semiconductor 5KP60 Datasheet HTML 2Page - Diotec Semiconductor 5KP60 Datasheet HTML 3Page - Diotec Semiconductor 5KP60 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5KP6.5 ... 5KP110CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off voltage
Sperrspannung
Max. rev. current
Max. Sperrstrom
at / bei VWM
Breakdown voltage at IT = 5 mA
Abbruch-Spannung bei IT = 5 mA
*) at / bei IT = 50 mA
Max. clamping voltage
Max. Begrenzer-Spannung
at / bei IPPM (10/1000 µs)
VWM [V]
ID [µA]
VBRmin [V]
VBRmax [V]
VC [V]
IPPM [A]
5KP6.5
6.5
4000
7.22 *)
9.14 *)
12.3
407
5KP6.5A
6.5
4000
7.22 *)
8.30 *)
11.2
446
5KP7.0
7.0
2000
7.78 *)
9.86 *)
13.3
376
5KP7.0A
7.0
2000
7.78 *)
8.95 *)
12.0
417
5KP7.5
7.5
500
8.33
10.67
14.3
350
5KP7.5A
7.5
500
8.33
9.58
12.9
388
5KP8.0
8.0
300
8.89
11.30
15.0
333
5KP8.0A
8.0
300
8.89
10.23
13.6
368
5KP8.5
8.5
100
9.44
11.92
15.6
321
5KP8.5A
8.5
100
9.44
10.82
14.4
347
5KP9.0
9.0
40
10.0
12.7
16.9
296
5KP9.0A
9.0
40
10.0
11.5
15.4
325
5KP10
10
10
11.1
14.1
18.8
266
5KP10A
10
10
11.1
12.8
17.0
294
5KP11
11
10
12.2
15.4
20.1
249
5KP11A
11
10
12.2
14.0
18.2
275
5KP12
12
10
13.3
16.9
22.0
227
5KP12A
12
10
13.3
15.3
19.9
251
5KP13
13
10
14.4
18.2
23.8
210
5KP13A
13
10
14.4
16.5
21.5
233
5KP14
14
10
15.6
19.8
25.8
194
5KP14A
14
10
15.6
17.9
23.2
216
5KP15
15
10
16.7
21.1
26.9
186
5KP15A
15
10
16.7
19.2
24.4
205
5KP16
16
10
17.8
22.6
28.8
174
5KP16A
16
10
17.8
20.5
26.0
192
5KP17
17
10
18.9
23.9
30.5
164
5KP17A
17
10
18.9
21.7
27.6
181
5KP18
18
10
20.0
25.3
32.2
155
5KP18A
18
10
20.0
23.3
29.2
171
5KP20
20
10
22.2
28.1
35.8
140
5KP20A
20
10
22.2
25.5
32.4
154
5KP22
22
10
24.4
30.9
39.4
127
5KP22A
22
10
24.4
28.0
35.5
141
5KP24
24
10
26.7
33.8
43.0
116
5KP24A
24
10
26.7
30.7
38.9
129
5KP26
26
10
28.9
36.6
46.6
107
5KP26A
26
10
28.9
33.2
42.1
119
5KP28
28
10
31.1
39.4
50.0
100
5KP28A
28
10
31.1
35.8
45.4
110
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - 5KP60

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP60 SURGE-5KP60 Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shenzhen Luguang Electr...
5KP60 LUGUANG-5KP60 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Galaxy Semi-Conductor H...
5KP60 BILIN-5KP60 Datasheet
131Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
5KP60 LUGUANG-5KP60 Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
DONGGUAN YOU FENG WEI E...
5KP60 YFWDIODE-5KP60 Datasheet
864Kb / 6P
   Transient voltage suppressor power 5000 watts
More results

Similar Description - 5KP60

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com