Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2839 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2839
Description  2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2839 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2839 Datasheet HTML 1Page - Maxim Integrated Products MAX2839 Datasheet HTML 2Page - Maxim Integrated Products MAX2839 Datasheet HTML 3Page - Maxim Integrated Products MAX2839 Datasheet HTML 4Page - Maxim Integrated Products MAX2839 Datasheet HTML 5Page - Maxim Integrated Products MAX2839 Datasheet HTML 6Page - Maxim Integrated Products MAX2839 Datasheet HTML 7Page - Maxim Integrated Products MAX2839 Datasheet HTML 8Page - Maxim Integrated Products MAX2839 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2.3GHz to 2.7GHz MIMO Wireless Broadband
RF Transceiver
_______________________________________________________________________________________
5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
A4:A0 = 00100 serial bits D9:D6 = 0000
1.75
A4:A0 = 00100 serial bits D9:D6 = 0001
2.25
A4:A0 = 00100 serial bits D9:D6 = 0010
3.5
A4:A0 = 00100 serial bits D9:D6 = 0011
5.0
A4:A0 = 00100 serial bits D9:D6 = 0100
5.5
A4:A0 = 00100 serial bits D9:D6 = 0101
6.0
A4:A0 = 00100 serial bits D9:D6 = 0110
7.0
A4:A0 = 00100 serial bits D9:D6 = 0111
8.0
A4:A0 = 00100 serial bits D9:D6 = 1000
9.0
A4:A0 = 00100 serial bits D9:D6 = 1001
10.0
A4:A0 = 00100 serial bits D9:D6 = 1010
12.0
A4:A0 = 00100 serial bits D9:D6 = 1011
14.0
A4:A0 = 00100 serial bits D9:D6 = 1100
15.0
A4:A0 = 00100 serial bits D9:D6 = 1101
20.0
A4:A0 = 00100 serial bits D9:D6 = 1110
24.0
RF Channel BW Supported by
Baseband Filter
A4:A0 = 00100 serial bits D9:D6 = 1111
28.0
MHz
0 to 2.3MHz for BW = 5MHz
1.3
Baseband Gain Ripple
0 to 4.6MHz for BW = 10MHz
1.3
dBP-P
0 to 2.3MHz for BW = 5MHz
90
Baseband Group Delay Ripple
0 to 4.6MHz for BW = 10MHz
50
nsP-P
At 3.3MHz
6
Baseband Filter Rejection for
5MHz RF Channel BW
At > 21MHz
85
dB
At 6.7MHz
6
Baseband Filter Rejection for
10MHz RF Channel BW
At > 41.6MHz
85
dB
RSSI
RSSI Minimum Output Voltage
RLOAD
≥ 10kΩ
0.4
V
RSSI Maximum Output Voltage
RLOAD
≥ 10kΩ
2.2
V
RSSI Slope
30
mV/dB
+32dB signal step
200
RSSI Output Settling Time
To within 3dB of steady state
-32dB signal step
800
ns
AC ELECTRICAL CHARACTERISTICS TABLE—Rx MODE (continued)
(MAX2839 Evaluation Kit, VCC_ = 2.8V, TA = +25°C, fRF = 2.4999GHz, fLO = 2.5GHz; baseband output signal frequency = 100kHz,
fREF = 40MHz, ENABLE = RXTX = CS = high, SCLK = DIN = low, with power matching for the differential RF pins using the typical
applications circuit and registers set to default settings and corresponding test mode, unless otherwise noted. Lowpass filter is set to
10MHz RF channel BW. Unmodulated single tone RF input signal is used with specifications which normally apply over the entire
operating conditions, unless otherwise indicated.) (Note 1)


Similar Part No. - MAX2839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2839 MAXIM-MAX2839 Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 1; 11/14
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 2; 11/14
MAX2839ASEVKIT MAXIM-MAX2839ASEVKIT Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 2; 11/14
MAX2839ASEVKIT++ MAXIM-MAX2839ASEVKIT+ Datasheet
1Mb / 14P
   On-Board Line Drivers and Voltage References Evaluation Kit
Rev 2; 11/14
More results

Similar Description - MAX2839

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
logo
RF Micro Devices
SZM-2166Z RFMD-SZM-2166Z Datasheet
849Kb / 21P
   2.3GHz to 2.7GHz 2W POWER AMPLIFIER
logo
Renesas Technology Corp
F0452C RENESAS-F0452C Datasheet
1Mb / 24P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0472 RENESAS-F0472 Datasheet
125Kb / 3P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0452B RENESAS-F0452B Datasheet
3Mb / 29P
   Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
logo
Pulse A Technitrol Comp...
B5004 PULSE-B5004 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com