Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE300 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # 1.5KE300
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5KE300 Datasheet(HTML) 1 Page - Diotec Semiconductor

  1.5KE300 Datasheet HTML 1Page - Diotec Semiconductor 1.5KE300 Datasheet HTML 2Page - Diotec Semiconductor 1.5KE300 Datasheet HTML 3Page - Diotec Semiconductor 1.5KE300 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5KE6.8 ... 1.5KE440CA
1.5KE6.8 ... 1.5KE440CA
Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Unidirectionale und bidirectionale Spannungs-Begrenzer-Dioden
Version 2006-05-10
Dimensions - Maße [mm]
Peak pulse power dissipation
Maximale Verlustleistung
1500 W
Standard breakdown voltage range
Standard Abbruch-Spannungsbereich
6.8...440 V
Plastic case
Kunststoffgehäuse
Ø 5.4 x 7.5 [mm]
Weight approx.
Gewicht ca.
1.0 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in ammo pack
Standard Lieferform gegurtet in Ammo-Pack
For bidirectional types (suffix “C” or “CA”), electrical characteristics apply in both directions.
Für bidirektionale Dioden (Suffix “C” oder “CA”) gelten die elektrischen Werte in beiden Richtungen.
Maximum ratings and Characteristics
Grenz- und Kennwerte
Peak pulse power dissipation (10/1000 µs waveform)
Impuls-Verlustleistung (Strom-Impuls 10/1000 µs)
TA = 25°C
PPPM
1500 W 1)
Steady state power dissipation
Verlustleistung im Dauerbetrieb
TA = 75°C
P
M(AV)
6.5 W 2)
Peak forward surge current, 60 Hz half sine-wave
Stoßstrom für eine 60 Hz Sinus-Halbwelle
TA = 25°C
I
FSM
200 A 3)
Max. instantaneous forward voltage
Augenblickswert der Durchlass-Spannung
I
F = 100 A
V
BR ≤ 200 V
V
BR > 200 V
VF
VF
< 3.5 V 3)
< 5 V 3)
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+175°C
-50...+175°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 19 K/W 2)
Thermal resistance junction to terminal
Wärmewiderstand Sperrschicht – Anschluss
RthT
< 8 K/W
1
Non-repetitive pulse see curve I
PP = f (tr) / PPP = f (tr)
Höchstzulässiger Spitzenwert eines einmaligen Impulses, siehe Kurve I
PP = f (tr) / PPP = f (tr)
2
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
3
Unidirectional diodes only – Nur für unidirektionale Dioden
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø
±0.05
1.2
Ø
±0.1
5.4


Similar Part No. - 1.5KE300

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE300 TRSYS-1.5KE300 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
1.5KE300 SAMYANG-1.5KE300 Datasheet
1Mb / 6P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
1.5KE300 PANJIT-1.5KE300 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watts
logo
Won-Top Electronics
1.5KE300 WTE-1.5KE300 Datasheet
66Kb / 5P
   1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Digitron Semiconductors
1.5KE300 DIGITRON-1.5KE300 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
More results

Similar Description - 1.5KE300

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com