Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2901EGI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2901EGI
Description  200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2901EGI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2901EGI Datasheet HTML 1Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 2Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 3Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 4Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 5Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 6Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 7Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 8Page - Maxim Integrated Products MAX2901EGI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
200mW Single-Chip Transmitter ICs for
868MHz/915MHz ISM Bands
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS
(MAX290_ EV kits. VCC = +2.7V to +4.5V, RRLPF = 68k
Ω, RPWRSET = 22kΩ, fRF = 917.28MHz (MAX2900/MAX2901/MAX2902) or fRF
= 868MHz (MAX2903/MAX2904), VASK = VREG, fREF = 14.56MHz (MAX2900/MAX2901/MAX2902) or fREF = 13.62MHz
(MAX2903/MAX2904), chip rate on MODIN = 1.22Mbps, POUT = +23dBm, TA = -40°C to +85°C. Typical values are at VCC = +4.5V,
TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
-3
σ
TYP
+3
σ
MAX
UNITS
ANALOG INPUT PINS
VTUNE Input Capacitance
VTUNE = +1.35V
15
pF
DIGITAL INPUT PINS
Digital Input Pin Capacitance
3
pF
VCO AND SYNTHESIZERS SECTION
(MAX2900/MAX2901/MAX2902)
902
917.28
928
RFOUT Frequency Range
(MAX2903/MAX2904)
867
868
870
MHz
(MAX2900/MAX2901/MAX2902)
14
14.56
15
REFIN Reference Frequency
Range
(MAX2903/MAX2904)
13
13.78
14.5
MHz
REFDIV Fixed Reference Divider
Ratio
(MAX2900)
4
4
4
Table 4 (MAX2900)
249
256
Main Divider Ratios
(MAX2901/MAX2903)
62
63
(MAX2900)
3.5
3.64
3.75
PLL Comparison Frequency
(MAX2901/MAX2903)
13
15
MHz
VCO Buffer Output Power
300
Ω differential load (MAX2901–MAX2904)
-12
dBm
REFDIV Fixed Reference
Divider Ratio
(MAX2901/MAX2903)
1
1
1
VCO Phase Noise
At 100kHz offset, measured at RFOUT,
PLL loop BW = 5kHz
-101
dBc/Hz
(MAX2900/MAX2901/MAX2902)
44
65
86
VCO Tuning Gain
(MAX2903/MAX2904)
85
MHz/V
5
kHz RMS
VCO Frequency Pulling with
OOK Modulation
OOKIN clocked at 19kHz, internal (crystal)
or external reference frequency
60
kHz peak
PLL Phase Noise
Measured at RFOUT, 5kHz offset,
PLL loop BW = 50kHz
-96
dBc/Hz
REFOUT Voltage Swing
100
mVp-p
CPOUT Charge Pump Current
500
µA
Reference Spurs
-62
dBc
Reference Input Voltage for
Nominal Operation
Using an external frequency reference
200
300
mV
BPSK, OOK MODULATOR, AND PA
MODIN Frequency Range
1.2
8
Mb/s
Modulation Filter Nominal 3dB
Bandwidth
1
MHz
Modulation Filter Final Attenuation Measured at 30MHz
28
41
dB
Carrier Suppression
28
dB
Noise Power Density
At 960MHz (measured at RFOUT at
+23dBm output power)
-150
dBc/Hz


Similar Part No. - MAX2901EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2901EGI MAXIM-MAX2901EGI Datasheet
822Kb / 18P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 1; 8/03
More results

Similar Description - MAX2901EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2900 MAXIM-MAX2900_V01 Datasheet
378Kb / 17P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
2012
MAX2900 MAXIM-MAX2900 Datasheet
822Kb / 18P
   200mW Single-Chip Transmitter ICs for 868MHz/915MHz ISM Bands
Rev 1; 8/03
logo
Maxtena Inc.
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
Micrel Semiconductor
MICRF505 MICREL-MICRF505 Datasheet
261Kb / 27P
   868MHz and 915MHz ISM Band Transceiver
logo
Taoglas antenna solutio...
ILA09 TAOGLAS-ILA09 Datasheet
2Mb / 18P
   ISM 915MHz Chip Antenna
logo
Maxtena Inc.
MPA-716-868 MAXTENA-MPA-716-868 Datasheet
1Mb / 3P
   868MHz ISM passive Patch
REV A
MEA-868-SM MAXTENA-MEA-868-SM Datasheet
432Kb / 3P
   External 868MHz ISM Antenna
REV A
logo
Suntsu Electronics, Inc...
SATCA-5A3AF-ISB7 SUNTSU-SATCA-5A3AF-ISB7 Datasheet
1Mb / 4P
   ISM 915MHz Band System
logo
Melexis Microelectronic...
EVB7108 MELEXIS-EVB7108 Datasheet
254Kb / 8P
   868/915MHz Transmitter
logo
List of Unclassifed Man...
RFM42B ETC2-RFM42B Datasheet
1Mb / 56P
   ISM TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com