Electronic Components Datasheet Search |
|
MAX3172EAI Datasheet(PDF) 8 Page - Maxim Integrated Products |
|
MAX3172EAI Datasheet(HTML) 8 Page - Maxim Integrated Products |
8 / 19 page +3.3V Multiprotocol Software-Selectable Cable Terminators and Transceivers 8 _______________________________________________________________________________________ Pin Description PIN NAME FUNCTION 1M2Mode-Select Pin (see Tables 1 and 3 for detailed information) 2M1Mode-Select Pin (see Tables 1 and 3 for detailed information) 3M0Mode-Select Pin (see Tables 1 and 3 for detailed information) 4VCC +3.3V Supply Voltage ( ±5%). Bypass VCC to GND with a 0.1µF capacitor. 5 R5A Termination Network 5 Node A 6 R5B Termination Network 5 Node B 7 T4IN Transmitter CMOS Input 8 R4OUT Receiver CMOS Output 9,18, 22 GND Ground 10 R4B Termination Network 4 Node B 11 R4A Termination Network 4 Node A 12 R3C Termination Network 3 Node C 13 R3B Termination Network 3 Node B 14 R3A Termination Network 3 Node A 15 R1A Termination Network 1 Node A 16 R1B Termination Network 1 Node B 17 R1C Termination Network 1 Node C 19 R2C Termination Network 2 Node C 20 R2B Termination Network 2 Node B 21 R2A Termination Network 2 Node A 23 R4INA Inverting Receiver Input 24 V- Negative Supply (connect to V- pin of MAX3171/MAX3173). Bypass V- to GND with a 0.1 µF capacitor. 25 T4OUT Inverting Transmitter Output 26 V+ Positive Supply (connect to V+ pin of MAX3171/MAX3173). Bypass V+ to GND with a 0.1 µF capacitor. 27 DCE/DTE DCE/DTE Mode-Select Pin. Logic level LOW selects DTE interface. See Tables 1 and 3 for detailed information. 28 INVERT Mode-Select Pin (inverts functionality of DCE/DTE input for T4/R4). See Tables 1 and 3 for detailed information. |
Similar Part No. - MAX3172EAI |
|
Similar Description - MAX3172EAI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |