Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05SZ11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ05SZ11
Description  Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05SZ11 Datasheet(HTML) 1 Page - Sharp Corporation

  PQ05SZ11 Datasheet HTML 1Page - Sharp Corporation PQ05SZ11 Datasheet HTML 2Page - Sharp Corporation PQ05SZ11 Datasheet HTML 3Page - Sharp Corporation PQ05SZ11 Datasheet HTML 4Page - Sharp Corporation PQ05SZ11 Datasheet HTML 5Page - Sharp Corporation PQ05SZ11 Datasheet HTML 6Page - Sharp Corporation PQ05SZ11 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
“ In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
Low Power-Loss Voltage Regulators
PQ05SZ5/PQ05SZ1 Series
PQ05SZ5/PQ05SZ1 Series
s Features
¡Low power-loss (Dropout voltage : MAX. 0.5V)
¡Surface mount type package (Equivalent to SC-63)
¡Built-in a function to prevent reverse voltage between input and
output
The diode to prevent reverse voltage between input and output is
not necessary. (When VO-I=<13V)
s Applications
¡Portable equipment
¡Notebook PC
s Outline Dimensions
(Unit : mm)
Low Power-Loss Voltage Regulators (Built-in Reverse Voltage Protection Function)
Parameter
Input voltage
Input-output reverse voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1 All are open except GND and applicable terminals.
*2 With imfinite heat sink.
* Over heat protection may operate at Tj>=125˚C
s Absolute Maximum Ratings
(Ta=25˚C, XX=05,09,12)
Symbol
Rating
Unit
VIN
VO-i
IO
PD
Tj
Topr
Tstg
Tsol
24
13
8
150
-20 to +80
-40 to +150
260
V
V
A
W
˚C
˚C
˚C
˚C
Conditions
*1
VIN=0V
Refer to Fig. 4*2
*
For 10s
PQXXSZ5/51
0.5
PQXXSZ1/11
1.0
(XX:05,09,12)
05SZ5
6.6MAX
5.2±0.5
2.3±0.5
0.5
+0.2
-0.1
2-(2.54)
(0.5)
(0.5)
1
2
2
2
3
3
1
Specific IC
Internal connection diagram
(0to0.25)
1 DC input (VIN)
2 DC output (VO)
3 GND
Heat sink is common to 2 (VO).
PQ05SZ5
PQ05SZ51
PQ05SZ1
PQ05SZ11
Output voltage
precision:±5%
Output voltage
precision:±2.5%
Output voltage
precision:±5%
Output voltage
precision:±2.5%
s Model Line-ups
5V output
PQ09SZ5
PQ09SZ51
PQ09SZ1
PQ09SZ11
9V output
PQ12SZ5
PQ12SZ51
PQ12SZ1
PQ12SZ11
12V output
· Please refer to the chapter“ Handling Precautions ”.


Similar Part No. - PQ05SZ11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ050DNA1ZPH SHARP-PQ050DNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ050DZ01ZP SHARP-PQ050DZ01ZP Datasheet
46Kb / 3P
   Low Power-Loss Voltage Regulator
PQ050DZ01ZZ SHARP-PQ050DZ01ZZ Datasheet
46Kb / 3P
   Low Power-Loss Voltage Regulator
PQ050ES1MXP SHARP-PQ050ES1MXP Datasheet
39Kb / 3P
   Low Power-Loss Voltage Regulator
PQ050ES3MXP SHARP-PQ050ES3MXP Datasheet
39Kb / 3P
   Low Power-Loss Voltage Regulator
More results

Similar Description - PQ05SZ11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RB11 SHARP-PQ05RB11 Datasheet
33Kb / 4P
   Low Power-Loss Voltage Regulators (Built-in Overheat Shut-Down Function)
PQ05RG1 SHARP-PQ05RG1 Datasheet
46Kb / 6P
   Low Power-Loss Voltage RegulatorsBuilt-in Reverse Voltage Protection Function Between Input and Output
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
   1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com