Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3455EETE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3455EETE
Description  ±15kV ESD-Protected USB Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3455EETE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3455EETE Datasheet HTML 1Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 2Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 3Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 4Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 5Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 6Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 7Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 8Page - Maxim Integrated Products MAX3455EETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX3453E–MAX3456E ±15kV ESD-protected USB-
compliant transceivers interface low-voltage ASICs with
USB devices. The devices fully comply with USB 1.1
and USB 2.0 when operating at full (12Mbps) and low
(1.5Mbps) speeds. The MAX3453E–MAX3456E operate
with VL as low as +1.65V, ensuring compatibility with
low-voltage ASICs.
The MAX3453E–MAX3456E feature a logic-selectable
suspend mode that reduces current consumption to
less than 40µA. Integrated ±15kV ESD protection pro-
tects the USB D+ and D- bidirectional bus connections.
The MAX3453E supports only full-speed (12Mbps)
operation. The MAX3453E/MAX3454E feature an inter-
nal 1.5k
Ω USB pullup resistor and an enumeration func-
tion that allows devices to logically disconnect while
plugged in. The MAX3453E/MAX3455E provide a push-
pull bus-detect (BD) output that asserts high when
VBUS > +4.0V.
The MAX3453E–MAX3456E operate over the extended
temperature range (-40°C to +85°C) and are available
in 14-pin TSSOP and 16-pin (3mm x 3mm) thin QFN
packages.
Applications
PDAs
PC Peripherals
Cellular Telephones
Data Cradles
MP3 Players
Features
o ±15kV ESD Protection on D+ and D-
o USB 1.1 and USB 2.0 (Low-Speed and Full-Speed)-
Compliant Transceivers
o Combined VP and VM Inputs/Outputs
o +1.65V to +3.6V VL Logic Supply Input for
Interfacing with Low-Voltage ASICs
o Enumerate Input Function (MAX3453E/MAX3454E)
o Powered from Li+ Battery as Low as +3.1V
(MAX3454E/MAX3456E)
o VBUS Detection (MAX3453E/MAX3455E)
o Internal Pullup Resistor (MAX3453E/MAX3454E)
o No Power-Supply Sequencing Required
±15kV ESD-Protected USB Transceivers
________________________________________________________________ Maxim Integrated Products
1
19-2924; Rev 4; 2/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE PIN-PKG
PKG CODE
MAX3453EEUD
-40
oC to +85oC 14 TSSOP
U14-1
MAX3453EETE
-40
oC to +85oC 16 Thin QFN
T1633-4
MAX3454EEUD
-40
oC to +85oC 14 TSSOP
U14-1
MAX3454EETE
-40
oC to +85oC 16 Thin QFN
T1633-4
MAX3455EEUD
-40
oC to +85oC 14 TSSOP
U14-1
MAX3455EETE
-40
oC to +85oC 16 Thin QFN
T1633-4
MAX3456EEUD
-40
oC to +85oC 14 TSSOP
U14-1
MAX3456EETE
-40
oC to +85oC 16 Thin QFN
T1633-4
Typical Operating Circuit appears at end of data sheet.
Pin Configurations appear at end of data sheet.
Selector Guide
PART
VBUS POWER-
SUPPLY
VOLTAGE (V)
VL POWER-
SUPPLY
VOLTAGE (V)
INTERNAL
PULLUP
RESISTOR
VBUS LEVEL
DETECT
ENUMERATE
USB SPEED
SUPPORTED
±15kV ESD
PROTECTION
MAX3453E
4.0 to 5.5
1.65 to 3.6
Yes
Yes
Yes
Full
Yes
MAX3454E
3.0 to 5.5
1.65 to 3.6
Yes
No
Yes
Low/full
Yes
MAX3455E
4.0 to 5.5
1.65 to 3.6
No
Yes
No
Low/full
Yes
MAX3456E
3.0 to 5.5
1.65 to 3.6
No
No
No
Low/full
Yes


Similar Part No. - MAX3455EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3455EETE MAXIM-MAX3455EETE Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX3455EETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com