Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3455E Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3455E
Description  ±15kV ESD-Protected USB Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3455E Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3455E Datasheet HTML 7Page - Maxim Integrated Products MAX3455E Datasheet HTML 8Page - Maxim Integrated Products MAX3455E Datasheet HTML 9Page - Maxim Integrated Products MAX3455E Datasheet HTML 10Page - Maxim Integrated Products MAX3455E Datasheet HTML 11Page - Maxim Integrated Products MAX3455E Datasheet HTML 12Page - Maxim Integrated Products MAX3455E Datasheet HTML 13Page - Maxim Integrated Products MAX3455E Datasheet HTML 14Page - Maxim Integrated Products MAX3455E Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
±15kV ESD-Protected USB Transceivers
______________________________________________________________________________________
11
Disable Mode
Connect VBUS to a system power supply and leave VL
unconnected or connect to GND. D+ and D- enter a tri-
state mode and VBUS (or VBUS and VTRM) consumes
less than 20µA of supply current. D+ and D- withstand
external signals up to +5.5V in disable mode (Table 2).
Sharing Mode
Connect VL to a system power supply and leave VBUS
(or VBUS and VTRM) unconnected or connect to GND.
D+ and D- enter a tri-state mode, allowing other circuitry
to share the USB D+ and D- lines, and VL consumes less
than 20µA of supply current. D+ and D- withstand
external signals up to +5.5V in sharing mode (Table 2).
Device Control
OE
OE controls the direction of communication. Drive OE
low to transfer data from the logic side to the USB side.
For OE = low, VP and VM serve as differential driver
inputs to the USB transmitter.
Drive OE high to transfer data from the USB side to the
logic side. For OE = high, VP and VM serve as single-
ended receiver outputs from the USB inputs
(D+ and D-). RCV serves as a differential receiver out-
put, regardless of the state of OE.
ENUM (MAX3453E/MAX3454E)
The MAX3453E/MAX3454E feature an enumerate func-
tion that allows software control of USB enumeration.
USB protocol requires a 1.5k
Ω pullup resistor to D+ or
D- to indicate the transmission speed to the host (see
the SPD section). The MAX3453E/MAX3454E provide
an internal 1.5k
Ω pullup resistor. Disconnect the pullup
resistor from the circuit to simulate the removal of a
device from the USB. Drive ENUM low to disconnect
the internal pullup resistor. Drive ENUM high to connect
the internal pullup resistor. The SPD state (MAX3454E
only) determines whether the pullup resistor connects
to D+ or D-. For ENUM = high, the internal pullup resis-
tor connects to D+ when SPD = VL (full speed) or to D-
when SPD = GND (low speed). The MAX3453E only
supports full-speed operation; therefore, the pullup
resistor only connects to D+ or is disconnected.
Figure 1. Rise and Fall Times
VOHD
VOLD
90%
10%
90%
10%
tFR, tLR
tFF, tLF
Table 3a. Transmit Truth Table
(OE = 0, SUS = 0)
INPUTS
OUTPUTS
VP
VM
D+
D-
RCV
OUTPUT STATE
00
00X
SE0
0
1
0
1
0
Logic 0
1
0
1
0
1
Logic 1
1
1
1
1
X
Undefined
X = Undefined.
Table 3b. Transmit Truth Table
(OE = 0, SUS = 1)
INPUTS
OUTPUTS
VP
VM
D+
D-
RCV
OUTPUT STATE
00
00
0
SE0
0
1
0
1
0
Logic 0
1
0
1
0
0
Logic 1
1
1
1
1
0
Undefined
Table 4a. Receive Truth Table
(OE = 1 and SUS = 0)
INPUTS
OUTPUTS
D+
D-
VP
VM
RCV
OUTPUT STATE
0
000
X
SE0
0
1010
Logic 0
1
0101
Logic 1
1
1
1
1
X
Undefined
X = Undefined.
Table 4b. Receive Truth Table
(OE = 1 and SUS = 1)
INPUTS
OUTPUTS
D+
D-
VP
VM
RCV
OUTPUT STATE
0
0000
SE0
0
1010
Logic 0
1
0100
Logic 1
1
1110
Undefined


Similar Part No. - MAX3455E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3455EETE MAXIM-MAX3455EETE Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3455EEUD MAXIM-MAX3455EEUD Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
More results

Similar Description - MAX3455E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3322E MAXIM-MAX3322E Datasheet
329Kb / 13P
   15kV ESD-Protected, RS-232 Transceivers for Multidrop Applications
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com