Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3541 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3541
Description  Complete Single-Conversion Television Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3541 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3541_11 Datasheet HTML 6Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 7Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 8Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 9Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 10Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 11Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 12Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 13Page - Maxim Integrated Products MAX3541_11 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Detailed Description
Register Descriptions
The MAX3541 includes 11 programmable registers and
2 read-only registers. The 11 programmable registers
include two N-divider registers, an R-divider register, a
VCO register, an IFOVLD/Charge Pump/Filter Select
register, a Control register, a Shutdown register, and
Tracking Filter Control registers. These 11 programma-
ble registers are also readable. The read-only registers
include a status register and a ROM table data register.
Recommended default bit settings are provided for
user convenience only and are not guaranteed. The
user must write all registers after power-up and no ear-
lier than 100μs after power-up.
Complete Single-Conversion
Television Tuner
10
______________________________________________________________________________________
MSB
LSB
DATA BYTE
REGISTER
NAME
READ/
WRITE
REGISTER
ADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
N-DIV High
Both
0x00
0
N14
N13
N12
N11
N10
N9
N8
N-DIV Low
Both
0x01
N7
N6
N5
N4
N3
N2
N1
N0
R-DIV
Both
0x02
0
R6
R5
R4
R3
R2
R1
R0
VCO
Both
0x03
VCO4
VCO3
VCO2
VCO1
VCO0
LD
VDIV1
VDIV0
IFOVLD,
Charge Pump,
and Filter Select
Both
0x04
0
IFOVLD2
IFOVLD1
IFOVLD0
CP1
CP0
TF
0
Control
Both
0x05
0
0
0
0
SHDN
_RF
SHDN
_IFVGA
INPT1
INPT0
Shutdown
Both
0x06
SHDN
_MIX1
SHDN
_MIX0
SHDN
_IF
SHDN
_OD
SHDN
_SYN
000
Tracking Filter
Series Capacitor
Both
0x07
TFS7
TFS6
TFS5
TFS4
TFS3
TFS2
TFS1
TFS0
Tracking Filter
Parallel Capacitor
Both
0x08
FLD
0
TFP5
TFP4
TFP3
TFP2
TFP1
TFP0
Tracking Filter
ROM Address
Both
0x09
0
0
0
0
TFA3
TFA2
TFA1
TFA0
Reserved
Both
0x0A
X
X
X
X
X
X
X
X
ROM Table
Data Readback
Read
0x0B
TFR7
TFR6
TFR5
TFR4
TFR3
TFR2
TFR1
TFR0
Status
Read
0x0C
POR
LD2
LD1
LD0
X
X
X
X
Table 1. Register Configuration
BIT NAME
BIT LOCATION (0 = LSB)
RECOMMENDED
DEFAULT
FUNCTION
RESERVED
7
0
Must be set to 0.
N[14:8]
6-0
0000001
Sets the most significant bits of the PLL integer divider (N). Default
integer divider value is N = 4688. N can range from 256 to 32,767.
Table 2. N-DIV High Register (Address: 0000b)


Similar Part No. - MAX3541_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3541ELM MAXIM-MAX3541ELM Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541EVKIT MAXIM-MAX3541EVKIT Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
MAX3541 MAXIM-MAX3541_09 Datasheet
581Kb / 10P
   Evaluation Kits
Rev 0; 2/09
More results

Similar Description - MAX3541_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com