Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3541ELM+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3541ELM+
Description  Complete Single-Conversion Television Tuner
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3541ELM+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3541ELM+ Datasheet HTML 4Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 5Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 6Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 7Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 8Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 9Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 10Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 11Page - Maxim Integrated Products MAX3541ELM+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Complete Single-Conversion
Television Tuner
8
_______________________________________________________________________________________
IFVGA VOLTAGE GAIN vs. IFAGC VOLTAGE
IFAGC VOLTAGE (V)
0.5
1.0
1.5
2.0
2.5
3.0
10
20
30
40
50
60
+25
°C
-40
°C
+85
°C
IFVGA IM3 vs. IFAGC VOLTAGE
IFAGC VOLTAGE (V)
MAX3541 toc22
-80
-60
-40
-20
0.5
1.0
1.5
2.0
2.5
3.0
-60
-50
-40
-30
-20
PIN
VOUT = 1.5 VP-P
IM3
Pin Description
Typical Operating Characteristics (continued)
(MAX3541EV kit, VCC = +3.3V, VIFAGC = 3.0V, VRFAGC = 3.0V, TA = +25°C, unless otherwise noted.)
PIN
NAME
DESCRIPTION
1
SCL
2-Wire Serial-Clock Interface. Requires a pullup resistor to VCC.
2
SDA
2-Wire Serial-Data Interface. Requires a pullup resistor to VCC.
3, 10, 23, 28,
32, 33, 37,
41, 44
VCC
Power Supply Connections. Bypass each supply pin to ground with a 1000pF capacitor.
4
UHF_IN
UHF RF Input. Requires a DC-blocking capacitor.
5
VHF_IN
VHF RF Input. Requires a DC-blocking capacitor.
6
RFGND2
RF Ground. Bypass to the PCB’s ground plane with a 1000pF capacitor. Do not connect RFGND2
and RFGND3 together.
7
LEXT
RF VGA Supply Voltage. Connect through a 270nH pullup inductor to VCC.
8
RFGND3
RF Ground. Bypass to the PCB’s ground plane with a 1000pF capacitor. Do not connect RFGND2
and RFGND3 together.
9
RFAGC
RF VGA Gain Control Voltage. Accepts a DC voltage from 0.5V (minimum gain) to 3V (maximum gain).
11–22, 27, 31
GND
Ground. Connect to the PCB’s ground plane.
24
IFOUT2-
Inverting IF VGA Output. Connect to the input of an anti-aliasing filter. Requires a DC-blocking capacitor.
25
IFOUT2+
Noninverting IF VGA Output. Connect to the input of an anti-aliasing filter. Requires a DC-blocking capacitor.
26
IFAGC
IF VGA Gain Control Voltage. Accepts a DC voltage from 0.5V (minimum gain) to 3V (maximum gain).
29
IFIN-
Inverting IF VGA Input. Connect to the output of an IF-SAW filter.
30
IFIN+
Noninverting IF VGA Input. Connect to the output of an IF-SAW filter.
34
IFOVLD
IF Overload Detector Open-Collector Output. Requires a 10k
Ω pullup resistor to VCC.
35
IFOUT1+
Noninverting IF LNA Output. Requires a DC-blocking capacitor.
36
IFOUT1-
Inverting IF LNA Output. Requires a DC-blocking capacitor.
38
LDO
VCO LDO Bypass. Bypass to ground with a 0.47μF capacitor.


Similar Part No. - MAX3541ELM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3541ELM MAXIM-MAX3541ELM Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
More results

Similar Description - MAX3541ELM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3540 MAXIM-MAX3540 Datasheet
262Kb / 16P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3541 MAXIM-MAX3541 Datasheet
313Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 0; 10/07
MAX3542 MAXIM-MAX3542 Datasheet
366Kb / 20P
   Complete Single-Conversion Television Tuner
Rev 1; 1/10
MAX3542 MAXIM-MAX3542_11 Datasheet
353Kb / 20P
   Complete Single-Conversion Television Tuner Low Noise Figure: 4.9dB (typ)
Rev 2; 4/11
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
   Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
   Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
MAX2165 MAXIM-MAX2165 Datasheet
241Kb / 24P
   Single-Conversion DVB-H Tuner
Rev 1; 3/09
MAX2116 MAXIM-MAX2116 Datasheet
314Kb / 15P
   Complete DBS Direct-Conversion Tuner ICs with Monolithic VCOs
Rev 2; 3/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com