Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ12TZ51 Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ12TZ51
Description  Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ12TZ51 Datasheet(HTML) 7 Page - Sharp Corporation

  PQ12TZ51 Datasheet HTML 1Page - Sharp Corporation PQ12TZ51 Datasheet HTML 2Page - Sharp Corporation PQ12TZ51 Datasheet HTML 3Page - Sharp Corporation PQ12TZ51 Datasheet HTML 4Page - Sharp Corporation PQ12TZ51 Datasheet HTML 5Page - Sharp Corporation PQ12TZ51 Datasheet HTML 6Page - Sharp Corporation PQ12TZ51 Datasheet HTML 7Page - Sharp Corporation PQ12TZ51 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Low Power-Loss Voltage Regulators
PQ05TZ51/PQ05TZ11 Series
Dropout voltage Vi-O (V)
0123456789
10
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
IOP:Output current when
output voltage is 95%
in comparison with
the initial value
Dropout voltage Vi-O (V)
IOP:Output current when
output voltage is 95%
in comparison with
the initial value
0123456789
10
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Junction temperature Tj (˚C)
0
25
50
75
100
125
-20
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VIN-VO=2V
1V
0.5V
IOP:Output current when
output voltage is 95%
in comparison with
the initial value
Fig.27 Output Peak Current vs. Dropout Voltage
(PQ05TZ51/PQ09TZ51/PQ12TZ51)
Fig.29 Output Peak Current vs. Junction Temperature
(PQ05TZ51/PQ09TZ51/PQ12TZ51)
Fig.31 Power Dissipation vs. Ambient
Temperature(Typical Value)
Fig.30 Output Peak Current vs. Junction Temperature
(PQ05TZ11/PQ09TZ11/PQ12TZ11)
Fig.28 Output Peak Current vs. Dropout Voltage
(PQ05TZ11/PQ09TZ11/PQ12TZ11)
Junction temperature Tj (˚C)
0
25
50
75
100
125
-20
2.0
1.5
VIN-VO=2V
1V
0.5V
IOP:Output current when
output voltage is 95%
in comparison with
the initial value
Cu area 740mm
2
Cu area 180mm
2
Cu area 100mm
2
Cu area 70mm
2
Cu area 36mm
2
Ambient temperature Ta (˚C)
-20
0
0
1
2
3
20
40
60
80
100
PWB
Material
: Glass-cloth epoxy resin
Size
: 50X50X1.6mm
Cu thickness : 35
µm
PWB
Cu
3


Similar Part No. - PQ12TZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ120DNA1ZPH SHARP-PQ120DNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ120RDA1SZH SHARP-PQ120RDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ120RDA2SZH SHARP-PQ120RDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQ12DZ11 SHARP-PQ12DZ11 Datasheet
19Kb / 2P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PQ12DZ11 SHARP-PQ12DZ11 Datasheet
97Kb / 10P
   0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ12TZ51

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RA1 SHARP-PQ05RA1_01 Datasheet
58Kb / 6P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05RA1 SHARP-PQ05RA1 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ1CZ21H2ZZH SHARP-PQ1CZ21H2ZZH Datasheet
142Kb / 5P
   Low Dissipation Current at OFF-state Chopper Regulator
PQ1CZ21H2Z SHARP-PQ1CZ21H2Z Datasheet
85Kb / 8P
   Low Dissipation Current at OFF-state Chopper Regulator
PQ1CZ21H2ZXH SHARP-PQ1CZ21H2ZXH Datasheet
141Kb / 5P
   Low Dissipation Current at OFF-state Chopper Regulator
PQ30RV1 SHARP-PQ30RV1_01 Datasheet
93Kb / 9P
   Low Power-Loss Voltage Regulators
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com