Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3668EHJ+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3668EHJ+
Description  3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3668EHJ+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3668EHJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3668EHJ+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
+3.3V, 622Mbps SDH/SONET
Laser Driver with Automatic Power Control
10
______________________________________________________________________________________
VCC
0.083"
(2.10mm)
0.070"
(1.78mm)
BIASMAX
MODSET
GND
GND
VCC
CAPC
N.C.
GND
N.C.
APCSET
N.C.
GND
GND
ENABLE
GND
GND
VCC
BIAS
GND
N.C.
N.C.
GND
N.C.
VCC
FAIL
Chip Topography
MAX3668
TQFP
TOP VIEW
32
28
29
30
31
25
26
27
10
13
15
14
16
11
12
9
17
18
19
20
21
22
23 MD
24 VCC
GND
GND
VCC
OUT-
OUT+
VCC
2
3
4
5
6
7
8
GND
GND
VCC
GND
DATA-
DATA+
VCC
1
VCC
Pin Configuration


Similar Part No. - MAX3668EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3668EHJ MAXIM-MAX3668EHJ Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
More results

Similar Description - MAX3668EHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3867 MAXIM-MAX3867 Datasheet
193Kb / 12P
   3.3V, 2.5Gbps SDH/SONET Laser Driver with Automatic Power Control
19-4769; Rev 0a; 9/98
MAX3663 MAXIM-MAX3663 Datasheet
271Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 2; 5/04
MAX3669 MAXIM-MAX3669_V01 Datasheet
297Kb / 13P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
2013
MAX3669 MAXIM-MAX3669_05 Datasheet
666Kb / 15P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
Rev 5; 2/05
MAX3669 MAXIM-MAX3669 Datasheet
758Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Current Monitors and APC
19-1575; Rev 0; 10/99
logo
Vitesse Semiconductor C...
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
   SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com