Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3670ETJ+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3670ETJ+
Description  Low-Jitter 155MHz/622MHz Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3670ETJ+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3670ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX3670ETJ+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Depending on the input clock frequency of 77.76MHz,
155.52MHz, or 622.08MHz, the clock divider ratio must
be set to 1, 2, or 8, respectively. The POUT output
buffer is preceded by a clock divider that scales the
main clock output by 1, 2, 4, or 8 to provide an optional
clock.
LOL Detection Circuitry
The MAX3670 incorporates a loss-of-lock (LOL) monitor
that consists of an XOR gate, filter, and comparator
with adjustable threshold (see “LOL Setup” in the
Applications section). A loss-of-lock condition is sig-
naled with a TTL low when the reference clock frequen-
cy differs from the VCO frequency.
Gain-Control Logic
The gain-control circuitry facilitates the tuning of the
loop bandwidth by setting phase-detector gain and fre-
quency-divider ratio. The gain-control logic can be pro-
grammed to divide from 1 to 1024, in binary multiples,
and to adjust the phase detector gain to 5µA/UI or
20µA/UI (see Table 3 in
Setting the Loop Bandwidth
section).
Phase-Frequency Detector and
Charge Pump
The phase-frequency detector incorporated into the
MAX3670 produces pulses proportional to the phase
difference between the reference clock and the VCO
input. The charge pump converts this pulse train to a
current signal that is fed to the op amp.
Op Amp
The op amp is used to form an active PLL loop filter
capable of driving the VCO control voltage input. Using
the POLAR input, the op amp input polarity can be select-
ed to work with VCOs having positive or negative gain-
transfer functions. The COMP pin selects the op amp
internal compensation. Connect COMP to ground if the
VCO control voltage is VCC referenced. Connect COMP
to VCC if the VCO control voltage is ground referenced.
Design Procedure
Setting Up the VCO and
Reference Clock
The MAX3670 accepts 77.76MHz, 155.52MHz, or
622.08MHz (including FEC rates) reference clock fre-
quencies. The RSEL input must be set so that the refer-
ence clock is prescaled to 77.76MHz (or FEC rate), to
provide the proper range for the PFD and LOL detec-
tion circuitry. Table 1 shows the divider ratio for the dif-
ferent reference frequencies.
The MAX3670 is designed to accept 77.76MHz,
155.52MHz, or 622.08MHz (including FEC rates) volt-
age-controlled oscillator (VCO) frequencies. The VSEL
input must be set so that the VCO input is prescaled to
77.76MHz (or FEC rate), to provide the proper range for
the PFD and LOL detection circuitry. Table 2 shows the
divider ratio for the different VCO frequencies.
Setting the Loop Bandwidth
To eliminate jitter present on the reference clock, the
proper selection of loop bandwidth is critical. If the total
output jitter is dominated by the noise at the reference
clock input, then lowering the loop bandwidth will
reduce system jitter. The loop bandwidth (K) is a func-
tion of the VCO gain (KVCO), the gain of the phase
detector (KPD), the loop filter resistor (R1), and the total
feedback-divider ratio (N = N1 N2). The loop band-
width of the MAX3670 can be approximated by
For stability, a zero must be added to the loop in the form
of resistor R1 in series with capacitor C1 (see Functional
Diagram). The location of the zero can be approximated as
Due to the second-order nature of the PLL jitter trans-
fer, peaking will occur and is proportional to fZ/K. For
certain applications, it may be desirable to limit jitter
f
RC
Z =
π
1
2
11
K
KR K
N
PD
VCO
=
π
1
2
Low-Jitter 155MHz/622MHz
Clock Generator
8
_______________________________________________________________________________________
INPUT
PIN
RSEL
REFERENCE
CLOCK INPUT
FREQ. (MHz)
DIVIDER
RATIO N3
PREDIVIDER
OUTPUT
FREQ. (MHz)
VCC
77.76
1
77.76
OPEN
155.52
2
77.76
GND
622.08
8
77.76
Table 1. Reference Clock Divider
INPUT
PIN
VSEL
VCO CLOCK
INPUT FREQ.
(MHz)
DIVIDER
RATIO N1
PREDIVIDER
OUTPUT
FREQ. (MHz)
VCC
77.76
1
77.76
OPEN
155.52
2
77.76
GND
622.08
8
77.76
Table 2. VCO Clock Divider


Similar Part No. - MAX3670ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670EGJ MAXIM-MAX3670EGJ Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
More results

Similar Description - MAX3670ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3670 MAXIM-MAX3670 Datasheet
339Kb / 13P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2166; Rev 0; 9/01
MAX3672 MAXIM-MAX3672 Datasheet
493Kb / 12P
   Low-Jitter 155MHz/622MHz Clock Generator
19-2697; Rev 0; 12/02
logo
Analog Devices
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
logo
ON Semiconductor
P1P8160A ONSEMI-P1P8160A Datasheet
129Kb / 6P
   Low Jitter Clock Generator
October, 2010 ??Rev. 2
logo
Texas Instruments
LMK03328 TI1-LMK03328 Datasheet
2Mb / 153P
[Old version datasheet]   Ultra-Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
logo
Pericom Semiconductor C...
PI6CXG06F62A PERICOM-PI6CXG06F62A Datasheet
580Kb / 2P
   FlexOut Ultra Low Jitter Clock Generator
logo
Analog Devices
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com