Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3674 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3674
Description  Evaluation Kit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3674 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3674_08 Datasheet HTML 1Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 2Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 3Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 4Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 5Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 6Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 7Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 8Page - Maxim Integrated Products MAX3674_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX3674 evaluation kit (EV kit) is a fully assembled
and tested demonstration board that simplifies evalua-
tion of the MAX3674 high-performance dual-output net-
work clock synthesizer. The EV kit includes a 16MHz
crystal and other hardware components necessary to
evaluate all the MAX3674 functions. Software is provid-
ed that communicates with the EV kit through a USB
port. The software provides an easy way to set opera-
tional modes and read/write internal registers. The EV
kit is powered by a +3.3V supply and USB port. SMA
connectors are used for the reference clock input and
LVPECL clock outputs to simplify connection to test
equipment. Two LEDs indicate the status of LOCK and
USB power.
Features
♦ Fully Assembled and Tested
♦ On-Board 16MHz Crystal Reference
♦ Software Control Through USB Port
♦ SMA Connectors for Clock I/Os
♦ Powered by +3.3V Supply and USB Port
♦ Indicators for LOCK and USB Power
MAX3674 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4156; Rev 0; 5/08
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
33pF
±10% ceramic capacitors
(0402)
C3, C4
0
Not installed
C5, C18, C20,
C21, C22, C24,
C26, C28, C29,
C31, C33
11
0.1μF
±10% ceramic capacitors
(0603)
C6, C34
2
22μF
±10% ceramic capacitors
(1206)
C7, C14, C41,
C42
4
0.22μF
±10% ceramic capacitors
(0402)
C8, C9, C11,
C12, C13, C40,
C47, C48
8
0.1μF
±10% ceramic capacitors
(0402)
C10
1
0.01μF
±10% ceramic capacitor
(0402)
C15, C16, C19,
C32
4
4.7μF
±10% ceramic capacitors
(0805)
C17, C23, C25,
C27, C30
5
1μF
±10% ceramic capacitors
(0603)
C35
1
0.01μF
±10% ceramic capacitor
(0603)
D1, D2
2
LEDs, green
Panasonic LN38GPX
J1
1
Mini USB connector, B type
Tyco 1734035-1
DESIGNATION
QTY
DESCRIPTION
J5
1
2 x 3 pin header (0.1in centers)
Sullins PEC36SAAN
J6, J7
2
Test points
Keystone 5000
J10–J13
4
SMA connectors, edge-mount,
tab center
Johnson 142-0701-851
J17
1
SMA connector, PCB mount
Johnson 142-0701-231
L1
1
22μH
±20% inductor, 520mA
Taiyo-Yuden CBC3225T220M
L2
1
4.7μH
±20% inductor, 870mA
Taiyo-Yuden CBC3225T4R7M
L4–L7
4
Ferrite beads
Murata BLM18HK102SN1 (0603)
R1, R21
2
49.9
±1% resistors (0603)
R2
1
10
±1% resistor (0603)
R3
1
470
±1% resistor (0603)
R4, R6–R11
7
4.75k
±1% resistors (0603)
R5
1
1.5k
±1% resistor (0603)
R12, R13, R22,
R23
4
10k
±1% resistors (0603)
R24
1
680
±1% resistor (0603)
R25–R28
4
143
±1% resistors (0603)
R34, R35
2
4.99k
±1% resistors (0603)
PART
TYPE
MAX3674EVKIT+
EV Kit
+
Denotes lead-free/RoHS-compliant.


Similar Part No. - MAX3674_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3674ECM MAXIM-MAX3674ECM Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
MAX3674EVKIT MAXIM-MAX3674EVKIT Datasheet
621Kb / 10P
   On-Board 16MHz Crystal Reference
Rev 0; 5/08
MAX3674EVKIT++ MAXIM-MAX3674EVKIT+ Datasheet
621Kb / 10P
   On-Board 16MHz Crystal Reference
Rev 0; 5/08
More results

Similar Description - MAX3674_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com