Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4194 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4194
Description  Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4194 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4194_03 Datasheet HTML 2Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 3Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 4Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 5Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 6Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 7Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 8Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 9Page - Maxim Integrated Products MAX4194_03 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micropower, Single-Supply, Rail-to-Rail,
Precision Instrumentation Amplifiers
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, RL = 25k
Ω tied to VCC/2, TA = +25°C, unless otherwise noted.)
0
-100
-120
-140
1
10
100
1k
10k
100k
POWER-SUPPLY REJECTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
G = +1V/V
G = +100V/V
G = +1000V/V
G = +10V/V
-30
-120
COMMON-MODE REJECTION
vs. FREQUENCY
-100
-110
FREQUENCY (Hz)
-80
-90
-70
-60
-50
-40
10
100
1k
10k
100k
G = +1V/V
G = +100V/V
G = +1,000V/V
G = +10V/V
INPUT
(50mV/div)
OUTPUT
(50mV/div)
MAX4194
SMALL-SIGNAL PULSE RESPONSE
(GAIN = +1V/V)
MAX4194 toc07
20
µs/div
INPUT
(500
µV/div)
OUTPUT
(50mV/div)
MAX4194
SMALL-SIGNAL PULSE RESPONSE
(GAIN = +100V/V)
MAX4194 toc08
200
µs/div
INPUT
(500
µV/div)
OUTPUT
(50mV/div)
MAX4197
SMALL-SIGNAL PULSE RESPONSE
(GAIN = +100V/V)
MAX4194 toc09
200
µs/div
INPUT
(500mV/div)
OUTPUT
(500mV/div)
MAX4194
LARGE-SIGNAL PULSE RESPONSE
(GAIN = +1V/V)
MAX4194 toc04
20
µs/div
INPUT
(5mV/div)
OUTPUT
(500mV/div)
MAX4194
LARGE-SIGNAL PULSE RESPONSE
(GAIN = +100V/V)
MAX4194 toc05
200
µs/div
INPUT
(5mV/div)
OUTPUT
(500mV/div)
MAX4197
LARGE-SIGNAL PULSE RESPONSE
(GAIN = +100V/V)
MAX4194 toc06
200
µs/div


Similar Part No. - MAX4194_03

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194ESA MAXIM-MAX4194ESA Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
MAX4194ESA MAXIM-MAX4194ESA Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
More results

Similar Description - MAX4194_03

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com