Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4198ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4198ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4198ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4198ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4198ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
_______________________________________________________________________________________
7
10k
10
11k
10k
100
10
100k
VOLTAGE-NOISE DENSITY
vs. FREQUENCY
100
1k
FREQUENCY (Hz)
MAX4198
MAX4199
1.000
0
100
1k
10k
TOTAL HARMONIC DISTORTION
VOLTAGE NOISE vs. FREQUENCY
0.010
0.001
0.100
FREQUENCY (Hz)
MAX4199
MAX4198
50µs/div
SMALL-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc12
50µs/div
MAX4199
SMALL-SIGNAL PULSE RESPONSE
INPUT
5mV/div
OUTPUT
50mV/div
MAX4198toc13
50µs/div
MAX4198
LARGE-SIGNAL PULSE RESPONSE
INPUT
500mV/div
OUTPUT
500mV/div
MAX4198toc14
50µs/div
MAX4199
LARGE-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
500mV/div
MAX4198toc15
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, RL = 25kΩ to VCC / 2, V SHDN = VCC - 1.5V, small-signal VOUT = 100mVP-P, large-signal VOUT = 1VP-P,
TA = +25°C, unless otherwise noted.)
50µs/div
MAX4198
SMALL-SIGNAL PULSE RESPONSE
WITH CAPACITIVE LOAD
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc16
CL = 690pF
50µs/div
MAX4198
SMALL-SIGNAL PULSE RESPONSE
WITH EXCESSIVE CAPACITIVE LOAD
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc17
CL = 1060pF
RISO = 0Ω
50µs/div
MAX4198
SMALL-SIGNAL PULSE RESPONSE WITH
EXCESSIVE CAPACITIVE LOAD
AND ISOLATION RESISTOR
INPUT
50mV/div
OUTPUT
50mV/div
MAX4198toc18
CL = 1060pF
RISO = 50Ω


Similar Part No. - MAX4198ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198ESA MAXIM-MAX4198ESA Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4198ESA MAXIM-MAX4198ESA Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
More results

Similar Description - MAX4198ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4198-MAX4199 MAXIM-MAX4198-MAX4199 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4198 MAXIM-MAX4198 Datasheet
227Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
Rev 0; 4/99
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Linear Technology
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com