Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4210AETT-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4210AETT-T
Description  High-Side Power and Current Monitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4210AETT-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4210AETT-T Datasheet HTML 5Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 6Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 7Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 8Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 9Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 10Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 11Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 12Page - Maxim Integrated Products MAX4210AETT-T Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
High-Side Power and
Current Monitors
_______________________________________________________________________________________
9
*FSO refers to full-scale output under the conditions: VSENSE = 100mV, VRS+ = +25V, or VIN = 1V.
Note 1:
All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2:
Guaranteed by power-supply rejection test.
Note 3:
Guaranteed by output voltage error tests (IOUT).
Note 4:
Guaranteed by output voltage error tests (IOUT or POUT, or both).
Note 5:
IN Input Voltage Range (MAX421_D/E/F) and VRS+ Input Voltage Range (MAX421_A/B/C) are guaranteed by design
(GBD) and not production tested. See Multiplier Transfer Characteristics graphs in the Typical Operating Characteristics.
Note 6:
This test does not apply to the low gain options, MAX421_A/D, because OUT is clamped at approximately 4V.
Note 7:
The device does not experience phase reversal when overdriven.
Note 8:
VPULLUP is defined as an externally applied voltage through a resistor, RPULLUP, to pull up the comparator output.
Note 9:
POUT gain accuracy is the sum of gain error and multiplier nonlinearity.
Note 10: Total output voltage error is the sum of gain and offset voltage errors.
Note 11: POUT Output Offset Voltage is the sum of offset and multiplier feedthrough.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4211B/MAX4211E (current gain = 25.00)
TA = +25
°C
±0.5
±1.5
IOUT Gain Accuracy
∆VIOUT/
∆VSENSE
VSENSE = 20mV to
100mV, VRS+ = 25V
TA = TMIN to TMAX
±3.0
%
TA = +25
°C
±0.15
±1.5
∆VIOUT_MAX/
FSO
VSENSE = 5mV to
100mV
TA = TMIN to TMAX
±3.0
% FSO*
TA = +25
°C
±0.2
±1.5
VSENSE = 150mV
TA = TMIN to TMAX
±3.0
VSENSE = 50mV
±1.2
VSENSE = 25mV
±1.8
Total IOUT Output Error
(Note 10)
∆VIOUT_MAX/
VIOUT
VSENSE = 5mV
±20
%
MAX4211C/MAX4211F (current gain = 40.96)
TA = +25
°C
±0.5
±1.5
IOUT Gain Accuracy
∆VIOUT/
∆VSENSE
VSENSE = 20mV to
100mV, VRS+ =25V
TA = TMIN to TMAX
±3.0
%
TA = +25
°C
±0.15
±1.5
∆VIOUT_MAX/
FSO
VSENSE = 5mV to
100mV
TA = TMIN to TMAX
±3.0
% FSO*
TA = +25
°C
±0.2
±1.5
VSENSE = 100mV
TA = TMIN to TMAX
±3.0
VSENSE = 50mV
±1.2
VSENSE = 25mV
±1.8
Total IOUT Output Error
(Note 10)
∆VIOUT_MAX/
VIOUT
VSENSE = 5mV
±20
%
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5.0V, VRS+ = 25V, VSENSE = 5mV, VIN = 1.0V, VLE = 0V, RIOUT = RPOUT = 1M
Ω, VCIN1+ = VCIN2+ = VREF, VCIN1- = VCIN2- =
GND, VINHIBIT = 0V, RCOUT1 = RCOUT2 = 5k
Ω connected to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25
°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX4210AETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210AETT MAXIM-MAX4210AETT Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
More results

Similar Description - MAX4210AETT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
   High-Side Power and Current Monitors
Rev 0; 6/04
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT11 DIODES-ZXCT11 Datasheet
263Kb / 2P
   Low power high side current monitors
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
   LOW POWER HIGH-SIDE CURRENT MONITORS
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
   PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
   High-Accuracy, High-Side Current Monitors in SOT23
2015
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
   High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
   AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com