Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZ3C36 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SZ3C36
Description  Surface Mount Silicon-Zener Diodes (non-planar technology)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SZ3C36 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SZ3C36 Datasheet HTML 1Page - Diotec Semiconductor SZ3C36 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SZ3C1 ... SZ3C200 (3 W)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 2)
Zener-Spannung 2)
IZ = IZtest
Test current
Meßstrom
Dynamic resistance
Diff. Widerstand
IZtest / f = 1 kHz
Temp. Coeffic.
of Z-voltage
…der Z-Spannung
Reverse volt.
Sperrspanng.
IR = 1 μA
Z-current 1)
Z-Strom 1)
TA = 50°C
Vzmin [V]
Vzmax [V]
IZtest [mA]
rzj [Ω]
αVZ [10-4 / °C]
VR [V]
IZmax [mA]
SZ3C1 3)
0.71
0.82
100
0.5 (<1)
–26…–16
2000
SZ3C6.2
5.8
6.6
100
1 (<2)
–1…+6
> 1.5
455
SZ3C6.8
6.4
7.2
100
1 (<2)
0…+7
> 2
417
SZ3C7.5
7.0
7.9
100
1 (<2)
0…+7
> 2
380
SZ3C8.2
7.7
8.7
100
1 (<2)
+3…+8
> 3.5
345
SZ3C9.1
8.5
9.6
50
2 (<4)
+3…+8
> 3.5
313
SZ3C10
9.4
10.6
50
2 (<4)
+5…+9
> 5
283
SZ3C11
10.4
11.6
50
4 (<7)
+5…+10
> 5
259
SZ3C12
11.4
12.7
50
4 (<7)
+5…+10
> 7
236
SZ3C13
12.4
14.1
50
5 (<10)
+5…+10
> 7
213
SZ3C15
13.8
15.6
50
5 (<10)
+5…+10
> 10
192
SZ3C16
15.3
17.1
25
6 (<15)
+6…+11
> 10
175
SZ3C18
16.8
19.1
25
6 (<15)
+6…+11
> 10
157
SZ3C20
18.8
21.2
25
6 (<15)
+6…+11
> 10
142
SZ3C22
20.8
23.3
25
6 (<15)
+6…+11
> 12
129
SZ3C24
22.8
25.6
25
7 (<15)
+6…+11
> 12
117
SZ3C27
25.1
28.9
25
7 (<15)
+6…+11
> 14
104
SZ3C30
28
32
25
8 (<15)
+6…+11
> 14
94
SZ3C33
31
35
25
8 (<15)
+6…+11
> 17
86
SZ3C36
34
38
10
16 (<40)
+6…+11
> 17
79
SZ3C39
37
41
10
20 (<40)
+6…+11
> 20
73
SZ3C43
40
46
10
24 (<45)
+7…+12
> 20
65
SZ3C47
44
50
10
24 (<45)
+7…+12
> 24
60
SZ3C51
48
54
10
25 (<60)
+7…+12
> 24
56
SZ3C56
52
60
10
25 (<60)
+7…+12
> 28
50
SZ3C62
58
66
10
25 (<80)
+8…+13
> 28
45
SZ3C68
64
72
10
25 (<80)
+8…+13
> 34
42
SZ3C75
70
79
10
30 (<100)
+8…+13
> 34
38
SZ3C82
77
88
10
30 (<100)
+8…+13
> 41
34
SZ3C91
85
96
5
40 (<200)
+9…+13
> 41
31
SZ3C100
94
106
5
60 (<200)
+9…+13
> 50
28
SZ3C110
104
116
5
80 (<250)
+9…+13
> 50
26
SZ3C120
114
127
5
80 (<250)
+9…+13
> 60
24
SZ3C130
124
141
5
90 (<300)
+9…+13
> 60
21
SZ3C150
138
156
5
100 (<300)
+9…+13
> 75
19
SZ3C160
153
171
5
110 (<350)
+9…+13
> 75
18
SZ3C180
168
191
5
120 (<350)
+9…+13
> 90
16
SZ3C200
188
212
5
150 (<350)
+9…+13
> 90
14
1
Notes see previous page – Fußnoten siehe vorhergehende Seite
2
http://www.diotec.com/
© Diotec Semiconductor AG


Similar Part No. - SZ3C36

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C36 DIOTEC-SZ3C36 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C36 DIOTEC-SZ3C36 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Semikron International
SZ3C36 SEMIKRON-SZ3C36 Datasheet
50Kb / 1P
   Surface mount diode Zener silicon diodes
logo
DIOTEC Electronics Corp...
SZ3C36 DEC-SZ3C36 Datasheet
98Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
logo
Diotec Semiconductor
SZ3C36 DIOTEC-SZ3C36 Datasheet
141Kb / 2P
   SMD Zener Diodes
More results

Similar Description - SZ3C36

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SZ3C1 DIOTEC-SZ3C1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z1SMA1 DIOTEC-Z1SMA1 Datasheet
215Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z2SMB1 DIOTEC-Z2SMB1 Datasheet
120Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
Z3SMC1 DIOTEC-Z3SMC1 Datasheet
121Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SMZ1 DIOTEC-SMZ1_07 Datasheet
106Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
SZ3C1 DIOTEC-SZ3C1_07 Datasheet
100Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMY1 DIOTEC-ZMY1 Datasheet
57Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD1 DIOTEC-ZMD1 Datasheet
116Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
SZ3C10B DIOTEC-SZ3C10B Datasheet
99Kb / 2P
   Surface Mount Silicon-Zener Diodes (non-planar technology)
ZMD10B DIOTEC-ZMD10B Datasheet
93Kb / 2P
   Surface mount Silicon-Zener Diodes (non-planar technology)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com