Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4741 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4741
Description  0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4741 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4741_06 Datasheet HTML 1Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 2Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 3Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 4Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 5Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 6Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 7Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 8Page - Maxim Integrated Products MAX4741_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
0.8
, Low-Voltage, Single-Supply Dual SPST
Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +1.8V Supply
(V+ = +1.8V, VIH = +1.0V, VIL = 0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
+25°C
1.3
2.5
On-Resistance
RON
ICOM_ = 10mA,
VNO_ or VNC_ = 0.9V
TMIN to TMAX
5
+25°C
-1
1
NO_ or NC_ Off-Leakage
Current
INO_(OFF),
INC_(OFF)
VCOM_ = 0.3V, 1.5V;
VNO_ or VNC_ = 1.5V,
0.3V
TMIN to TMAX
-5
5
nA
+25°C
-1
1
COM_ Off-Leakage Current
ICOM_(OFF)
VCOM_ = 0.3V, 1.5V;
VNO_ or VNC_ = 1.5V,
0.3V
TMIN to TMAX
-5
5
nA
+25°C
-2
2
COM_ On-Leakage Current
ICOM_(ON)
VCOM_ = 0.3V, 1.5V,
VNO_ or VNC_ = 0.3V,
1.5V, or floating
TMIN to TMAX
-10
10
nA
SWITCH DYNAMIC CHARACTERISTICS
+25°C
25
35
Turn-On Time
tON
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
40
ns
+25°C
16
25
Turn-Off Time
tOFF
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1
TMIN to TMAX
30
ns
+25°C
10
Break-Before-Make (Note 6)
tBBM
VNO_, VNC_ = 1.5V,
RL = 50
Ω, CL = 35pF,
Figure 1 (MAX4743)
TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 0, RGEN = 0,
CL = 1nF, Figure 2
+25°C
16
pC
Off-Isolation (Note 7)
VISO
f = 1MHz, VNO_ = VNC_
= 1VRMS, RL = 50
Ω,
CL = 5pF, Figure 2
+25°C
-50
dB
Crosstalk (Note 8)
f = 1MHz, VCOM_ = 1VRMS,
RL = 50
Ω,
CL = 5pF, Figure 2
+25°C
-110
dB


Similar Part No. - MAX4741_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4741EKA MAXIM-MAX4741EKA Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
MAX4741EUA MAXIM-MAX4741EUA Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results

Similar Description - MAX4741_06

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com