Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4741EKA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4741EKA
Description  0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4741EKA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4741EKA Datasheet HTML 1Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 2Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 3Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 4Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 5Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 6Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 7Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 8Page - Maxim Integrated Products MAX4741EKA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
0.8
, Low-Voltage, Single-Supply Dual SPST
Analog Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +1.8V Supply (continued)
(V+ = +1.8V, VIH = +1.0V, VIL = 0.4V, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
LOGIC INPUT
Input Logic High
VIH
1V
Input Logic Low
VIL
0.4
V
Input Leakage Current
IIN
VIN_ = 0 or V+
-1
1
µA
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value is a maximum, is
used in this data sheet.
Note 3: µDFN and SOT23 packaged parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by
design and correlation. µMAX packaged parts -40°C specifications are guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and the minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20log10(VCOM_/VNO_), VCOM_ = output, VNO_ = input to off switch.
Note 8: Between two switches.
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0
0.4
0.2
0.8
0.6
1.2
1.4
1.0
0
0.8 1.2
0.4
1.6 2.0 2.4 2.8 3.2 3.6
ON-RESISTANCE vs. VCOM
VCOM (V)
V+ = +1.8V
V+ = +2.5V
V+ = +2.7V
V+ = +3.0V
V+ = +3.3V
V+ = +2.0V
V+ = +3.6V
ICOM = 100mA
0
0.2
0.1
0.4
0.3
0.6
0.5
0.7
0
0.6 0.9
0.3
1.2 1.5 1.8 2.1 2.4 2.7
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
VCOM (V)
TA = +85
°C
TA = +25
°C
TA = -40
°C
V+ = +2.7V
ICOM = 100mA
8
16
12
24
20
28
32
40
36
44
1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4 3.6
TURN-ON/OFF TIME
vs. SUPPLY VOLTAGE
V+ (V)
tON
tOFF


Similar Part No. - MAX4741EKA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4741EKA MAXIM-MAX4741EKA Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results

Similar Description - MAX4741EKA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com