Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5048 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5048
Description  7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5048 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5048 Datasheet HTML 3Page - Maxim Integrated Products MAX5048 Datasheet HTML 4Page - Maxim Integrated Products MAX5048 Datasheet HTML 5Page - Maxim Integrated Products MAX5048 Datasheet HTML 6Page - Maxim Integrated Products MAX5048 Datasheet HTML 7Page - Maxim Integrated Products MAX5048 Datasheet HTML 8Page - Maxim Integrated Products MAX5048 Datasheet HTML 9Page - Maxim Integrated Products MAX5048 Datasheet HTML 10Page - Maxim Integrated Products MAX5048 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
7.6A, 12ns, SOT23/TDFN, MOSFET Driver
10
______________________________________________________________________________________
L
C
L
C
PIN 1
INDEX
AREA
D
E
L
e
L
A
e
E2
N
G
1
2
21-0137
PACKAGE OUTLINE, 6,8,10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm
-DRAWING NOT TO SCALE-
k
e
[(N/2)-1] x e
REF.
PIN 1 ID
0.35x0.35
DETAIL A
b
D2
A2
A1
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)


Similar Part No. - MAX5048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5048 MAXIM-MAX5048 Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX5048 MAXIM-MAX5048 Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048A MAXIM-MAX5048A Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048AATT-T MAXIM-MAX5048AATT-T Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048AATT-T MAXIM-MAX5048AATT-T Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2014
More results

Similar Description - MAX5048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5048BAUTTG16 MAXIM-MAX5048BAUTTG16 Datasheet
257Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 5; 11/12
MAX5048 MAXIM-MAX5048_V01 Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
2014
MAX5048A MAXIM-MAX5048A Datasheet
267Kb / 11P
   7.6A, 12ns, SOT23/TDFN, MOSFET Driver
Rev 6; 10/14
MAX5048 MAXIM-MAX5048 Datasheet
292Kb / 9P
   7.6A, 12ns, SOT23 MOSFET Driver
Rev 2; 5/03
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com