Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5422 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5422
Description  Evaluation Kit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5422 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5422_08 Datasheet HTML 4Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 5Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 6Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 7Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 8Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 9Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 10Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 11Page - Maxim Integrated Products MAX5422_08 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
The MAX5422 main circuit area consists of the
MAX5422 IC U1, decoupling capacitors C25 and C26,
jumpers JU1, JU2, and JU3, header J2, and PCB pads
H, W, L, VCC, and GND. The MAX5422 main circuit
PCB section is less than 1.2in x 1.1in and can be sepa-
rated from the EV kit using the cutout slots, allowing the
MAX5422 to be conveniently attached to a user appli-
cation. After separation, the two parts of the EV kit can
be reconnected using a short cable. A short ribbon
cable of about 3in is recommended to reconnect the
MAX5422 EV kit. A Samtec IDSS-06-D-3.00 ribbon
cable can be used to connect header J1 odd pins to
header J2 odd pins.
Jumper Selection
Using an External DC Power Supply
The MAX5422 EV kit can be powered by an external
2.7V to 5.25V DC power supply. The EV kit can still be
programmed through the USB interface using the soft-
ware GUI. To connect the EV kit to an external power
supply, disconnect the USB cable and install a shunt
on pins 2-3 of jumper JU1. Turn off the power supply
and connect the power-supply ground terminal to the
EV kit GND pad, and the power-supply positive terminal
to the VCC pad. Table 2 lists the various options for
powering the MAX5422 EV kit.
SPI Clock and Data/Chip Select Inputs
The MAX5422 features a clock and data/chip select input
pins for SPI-compatible communication to control the
MAX5422 wiper position and transfer data between volatile
and nonvolatile memories. The clock and data/chip select
pins can be driven by the on-board USB interface circuit
or the PCB header (J2), along with a user-supplied exter-
nal SPI-compatible controller. An external SPI-compatible
controller can be connected to the SCLK (J2-6), DIN (J2-
8),
CS (J2-10), and GND (J2-12) on header J2 to commu-
nicate with the MAX5422 IC. When using an external SPI-
compatible controller, disconnect the on-board USB inter-
face circuit by removing all the shunts from header J1.
Headers J1 and J2 select the SPI serial-interface signal-
control sources for the MAX5422 IC. Table 3 lists the
various options for configuring SPI input signal controls.
MAX5422 Evaluation Kit
8
_______________________________________________________________________________________
Table 2. JU1 Jumper Functions (VDD)
SHUNT
POSITION
VDD PIN CONNECTED
TO
EV KIT POWERED
FROM
1-2*
3.3V
USB interface circuit
2-3
VCC
External power supply
(2.7V to 5.25V)
Open
Not connected
Do not use (EV kit is
not powered)
*
Default position.
Table 3. J1, J2 Header Functions (+3.3V, VDD, SCLK, DIN,
CS, GND)
HEADER POSITION
SHUNT POSITION
EV KIT FUNCTION
Installed*
Connects +3.3V from USB interface to MAX5422
J1 (1-2)
Not installed
Disconnect +3.3V from USB interface to MAX5422
Installed*
Connects VDD from MAX5422 to USB interface
J1 (3-4)
Not installed
Disconnect VDD from MAX5422 to USB interface
Installed*
Connects SCLK from USB interface to MAX5422
J1 (5-6)
Not installed
Disconnect SCLK from USB interface to MAX5422
Installed*
Connects DIN from USB interface to MAX5422
J1 (7-8)
Not installed
Disconnect DIN from USB interface to MAX5422
Installed*
Connects
CS from USB interface to MAX5422
J1 (9-10)
Not installed
Disconnect
CS from USB interface to MAX5422
J1 (11-12)
Not installed
Shunt not required
J2 (1-2)
J2 (3-4)
J2 (5-6)
J2 (7-8)
J2 (9-10)
Not installed
Do not install shunts on these pins. Shunts will short the power and signal
lines to ground.
J2 (11-12)
Not installed
Shunt not required
*
Default position.


Similar Part No. - MAX5422_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5422ETA MAXIM-MAX5422ETA Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5422EVKIT MAXIM-MAX5422EVKIT Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
MAX5422EVKIT++ MAXIM-MAX5422EVKIT+ Datasheet
229Kb / 13P
   Power-On Recall of Wiper Position from Nonvolatile Memory
Rev 0; 6/08
More results

Similar Description - MAX5422_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com