Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5429 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5429
Description  One-Time Programmable, Linear-Taper Digital Potentiometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5429 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5429 Datasheet HTML 1Page - Maxim Integrated Products MAX5429 Datasheet HTML 2Page - Maxim Integrated Products MAX5429 Datasheet HTML 3Page - Maxim Integrated Products MAX5429 Datasheet HTML 4Page - Maxim Integrated Products MAX5429 Datasheet HTML 5Page - Maxim Integrated Products MAX5429 Datasheet HTML 6Page - Maxim Integrated Products MAX5429 Datasheet HTML 7Page - Maxim Integrated Products MAX5429 Datasheet HTML 8Page - Maxim Integrated Products MAX5429 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
One-Time Programmable, Linear-Taper
Digital Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V, VPP = GND, VH = VDD, VL = GND, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VDD =
5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
VPP to GND..........................................................-0.3V to +12.0V
All Other Pins to GND.................................-0.3V to (VDD + 0.3V)
Input and Output Latchup Immunity...............................±200mA
Maximum Continuous Current into H, L, and W
MAX5427 .................................................................±1.5mA
MAX5428 .................................................................±1.5mA
MAX5429 .................................................................±2.0mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) .............362mW
8-Pin QFN-EP (derate 24.4mW/°C above +70°C)......1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE
Resolution
32
Taps
MAX5427
75
100
125
MAX5428
37.5
50
62.5
End-to-End Resistance
MAX5429
7.5
10
12.5
k
End-to-End Resistance Tempco
TCR
35
ppm/°C
MAX5427/MAX5428
5
Ratiometric Resistance Tempco
MAX5429
10
ppm/°C
Integral Nonlinearity
INL
Potentiometer configuration, no load,
Figure 1
±1
LSB
Differential Nonlinearity
DNL
Potentiometer configuration, no load,
Figure 1
±1
LSB
Full-Scale Error
Potentiometer configuration, no load,
Figure 1
-0.5
LSB
Zero-Scale Error
Potentiometer configuration, no load,
Figure 1
+0.5
LSB
Wiper Resistance
RW
MAX5427 IW = 20µA; MAX5428 IW = 40µA;
MAX5429 IW = 200µA
100
240
DIGITAL INPUTS (
CS, U/D)
Input High Voltage
VIH
0.7 x
VDD
V
Input Low Voltage
VIL
0.3 x
VDD
V
Input Current
IIN
±0.1
±1
µA
Input Capacitance
CIN
5pF
TIMING CHARACTERISTICS (Note 2)
U/
D Mode to CS Setup
tCU
Figures 2, 3
50
ns
CS Hold to U/D Mode
tCI
Figures 2, 3
50
ns
U/
D Step Hold to CS
tIC
Figures 2, 3
0
ns
U/
D Step Low Time
tIL
Figures 2, 3
100
ns


Similar Part No. - MAX5429

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5429 MAXIM-MAX5429 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
MAX5429ETA MAXIM-MAX5429ETA Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
MAX5429EUA MAXIM-MAX5429EUA Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results

Similar Description - MAX5429

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
logo
Analog Devices
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
   256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
logo
Maxim Integrated Produc...
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
   256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com