Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5487 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5487
Description  Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5487 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5487_10 Datasheet HTML 5Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 6Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 7Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 8Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 9Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 10Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 11Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 12Page - Maxim Integrated Products MAX5487_10 Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Dual, 256-Tap, Nonvolatile, SPI-Interface,
Linear-Taper Digital Potentiometers
_______________________________________________________________________________________
9
Write-Wiper Register (Command 00)
Data written to the write-wiper registers (C1, C0 = 00)
controls the wiper positions. The 8 data bits (D7 to D0)
indicate the position of the wiper. For example, if DIN =
0000 0000, the wiper moves to the position closest to
L_. If DIN = 1111 1111, the wiper moves closest to H_.
This command writes data to the volatile RAM, leaving the
NV registers unchanged. When the device powers up,
the data stored in the NV registers transfers to the volatile
wiper register, moving the wiper to the stored position.
Write-NV Register (Command 01)
This command (C1, C0 = 01) stores the position of the
wipers to the NV registers for use at power-up.
Alternatively, the “copy wiper register to NV register”
command can be used to store the position of the
wipers to the NV registers. Writing to the NV registers
does not affect the position of the wipers.
Copy Wiper Register to NV Register (Command 10)
This command (C1, C0 = 10) stores the current position
of the wiper to the NV register, for use at power-up.
This command may affect one potentiometer at a time,
Table 1. Register Map
123456789
10
11
12
13
14
15
16
CLOCK EDGE
C1
C0
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
Write Wiper Register A
00000001
D7
D6
D5
D4
D3
D2
D1
D0
Write Wiper Register B
00000010
D7
D6
D5
D4
D3
D2
D1
D0
Write NV Register A
00010001
D7
D6
D5
D4
D3
D2
D1
D0
Write NV Register B
00010010
D7
D6
D5
D4
D3
D2
D1
D0
Copy Wiper Register A to NV
Register A
00100001
————
Copy Wiper Register B to NV
Register B
00100010
————
Copy Both Wiper Registers to
NV Registers
00100011
————
Copy NV Register A to Wiper
Register A
00110001
————
Copy NV Register B to Wiper
Register B
00110010
————
Copy Both NV Registers to
Wiper Registers
00110011
————
Figure 2. Timing Diagram
CS
tCSO
tCSS
tCL
tCH
tDH
tDS
tCP
tCSH
tCSW
tCS1
SCLK
DIN


Similar Part No. - MAX5487_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487ETE MAXIM-MAX5487ETE Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5487PMB1 MAXIM-MAX5487PMB1 Datasheet
1Mb / 7P
   MAX5487PMB1 Peripheral Module
Rev 0; 5/12
MAX5487 MAXIM-MAX5487_07 Datasheet
199Kb / 11P
   Evaluation Kit
Rev 0; 8/07
More results

Similar Description - MAX5487_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com