Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5482EUD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5482EUD
Description  10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5482EUD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5482EUD Datasheet HTML 3Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 4Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 5Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 6Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 7Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 8Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 9Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 10Page - Maxim Integrated Products MAX5482EUD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Typical Operating Characteristics (continued)
(VDD = 5.0V, VSS = 0V, TA = +25°C, unless otherwise noted.)
10-Bit, Nonvolatile, Linear-Taper Digital
Potentiometers
_______________________________________________________________________________________
7
0
20
10
40
30
50
60
70
80
WIPER RESISTANCE vs. CODE
(VARIABLE RESISTOR, TA = +25
°C)
0
256 384
128
512 640 768 896 1024
CODE
0
20
10
40
30
50
60
70
80
WIPER RESISTANCE vs. CODE
(VARIABLE RESISTOR, TA = +85
°C)
0
256 384
128
512 640 768 896 1024
CODE
0
10
30
20
50
60
40
70
W-TO-L RESISTANCE vs. CODE
(MAX5484)
0
256 384
128
512 640 768 896 1024
CODE
0
2
6
4
10
12
8
14
W-TO-L RESISTANCE vs. CODE
(MAX5483)
0
256 384
128
512 640 768 896 1024
CODE
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
012345
WIPER RESISTANCE vs. WIPER VOLTAGE
(VARIABLE RESISTOR)
WIPER VOLTAGE (V)
VDD = 5V
CODE = 00 0000
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
END-TO-END (RHL) % CHANGE
vs. TEMPERATURE (VOLTAGE-DIVIDER)
TEMPERATURE (
°C)
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-40
-15
10
35
60
85
WIPER-TO-END RESISTANCE (RWL) % CHANGE
vs. TEMPERATURE (VARIABLE RESISTOR)
TEMPERATURE (
°C)
CODE = 11 1111 1111
0
0.3
0.9
0.6
1.2
1.5
-40
10
-15
35
60
85
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5.25V
DIGITAL SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
1
10
100
1000
10,000
0.1
0
5.0
VDD = 5V


Similar Part No. - MAX5482EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX548 MAXIM-MAX548 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX548-MAX550 MAXIM-MAX548-MAX550 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480ACEE MAXIM-MAX5480ACEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480AEEE MAXIM-MAX5480AEEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
More results

Similar Description - MAX5482EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com