Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5483EUD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5483EUD
Description  10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5483EUD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5483EUD Datasheet HTML 1Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 2Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 3Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 4Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 5Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 6Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 7Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 8Page - Maxim Integrated Products MAX5483EUD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
10-Bit, Nonvolatile, Linear-Taper Digital
Potentiometers
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +2.7V to +5.25V, VSS = VGND = 0V, VH = VDD, VL = 0V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
VDD = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SECTION
MAX5481
5
Wiper Settling Time (Note 6)
tS
MAX5482
22
µs
SPI-COMPATIBLE SERIAL INTERFACE (Figure 3)
SCLK Frequency
fSCLK
7
MHz
SCLK Clock Period
tCP
140
ns
SCLK Pulse-Width High
tCH
60
ns
SCLK Pulse-Width Low
tCL
60
ns
CS Fall to SCLK Rise Setup
tCSS
60
ns
SCLK Rise to CS Rise Hold
tCSH
0ns
DIN to SCLK Setup
tDS
40
ns
DIN Hold after SCLK
tDH
0ns
SCLK Rise to CS Fall Delay
tCS0
15
ns
CS Rise to SCLK Rise Hold
tCS1
60
ns
CS Pulse-Width High
tCSW
150
ns
Write NV Register Busy Time
tBUSY
12
ms
UP/DOWN DIGITAL INTERFACE (Figure 8)
CS to INC Setup
tCI
25
ns
INC High to U/D Change
tID
20
ns
U/D to INC Setup
tDI
25
ns
INC Low Period
tIL
25
ns
INC High Period
tIH
25
ns
INC Inactive to CS Inactive
tIC
50
ns
CS Deselect Time (Store)
tCPH
50
ns
INC Cycle Time
tCYC
50
ns
INC Active to CS Inactive
tIK
50
ns
Wiper Store Cycle
tWSC
12
ms
Note 1: 100% production tested at TA = +25°C and TA = +85°C. Guaranteed by design to TA = -40°C.
Note 2: The DNL and INL are measured with the device configured as a voltage-divider with H = VDD and L = VSS. The wiper termi-
nal (W) is unloaded and measured with a high-input-impedance voltmeter.
Note 3: The DNL_R and INL_R are measured with D.N.C. unconnected and L = VSS = 0V. For VDD = +5V, the wiper terminal is dri-
ven with a source current of IW = 80µA for the 50kΩ device and 400µA for the 10kΩ device. For VDD = +3V, the wiper termi-
nal is driven with a source current of 40µA for the 50kΩ device and 200µA for the 10kΩ device.
Note 4: The wiper resistance is measured using the source currents given in Note 3.
Note 5: The device draws higher supply current when the digital inputs are driven with voltages between (VDD - 0.5V) and (VGND +
0.5V). See Supply Current vs. Digital Input Voltage in the
Typical Operating Characteristics.
Note 6: Wiper settling test condition uses the voltage-divider configuration with a 10pF load on W. Transition code from 00000 00000
to 01111 01111 and measure the time from
CS going high to the wiper voltage settling to within 0.5% of its final value.


Similar Part No. - MAX5483EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX548 MAXIM-MAX548 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX548-MAX550 MAXIM-MAX548-MAX550 Datasheet
172Kb / 16P
   2.5V to 5.5V, Low-Power, Single/Dual, 8-Bit Voltage-Output DACs in 關MAX Package
MAX5480 MAXIM-MAX5480 Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480ACEE MAXIM-MAX5480ACEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
MAX5480AEEE MAXIM-MAX5480AEEE Datasheet
64Kb / 6P
   8-Bit Parallel DAC in QSOP-16 Package
Rev 0; 10/97
More results

Similar Description - MAX5483EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com