Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5487EUD+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5487EUD+
Description  Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5487EUD+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5487EUD+ Datasheet HTML 1Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 2Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 3Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 4Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 5Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 6Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 7Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 8Page - Maxim Integrated Products MAX5487EUD+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Dual, 256-Tap, Nonvolatile, SPI-Interface,
Linear-Taper Digital Potentiometers
_______________________________________________________________________________________
5
0.1
0
-40
-20
02040
60
80
0.5
0.4
0.3
0.2
0.6
TEMPERATURE (
°C)
SUPPLY CURRENT
vs. TEMPERATURE
MAX5487-89 toc01
VDD = 3V
VDD = 5V
SUPPLY CURRENT
vs. DIGITAL INPUT VOLTAGE
DIGITAL INPUT VOLTAGE (V)
4
3
2
1
1
10
100
1000
10,000
0
05
VCC = 5V
VCC = 3V
0
50
150
100
200
250
064
96
32
128 160 192
224 256
WIPER RESISTANCE
vs. TAP POSITION
TAP POSITION
1
µs/div
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5487)
CS
2.0V/div
WIPER
20mV/div
MAX5487-89 toc04
VH_ = 5.0V
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5488)
MAX5487-89 toc05
1.0
µs/div
WIPER
20mV/div
VH_ = 5.0V
CS
2.0V/div
WIPER TRANSIENT AT POWER-ON
MAX5487-89 toc07
2.0
µs/div
WIPER
2.0V/div
VH_ = VDD
VDD
2.0V/div
FREQUENCY (kHz)
MIDSCALE FREQUENCY RESPONSE
(MAX5487)
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
0.1
1
10
100
1000
MAX5487-89 toc08
CW = 10pF
CW_ = 50pF
TAP-TO-TAP SWITCHING TRANSIENT
(MAX5489)
MAX5487-89 toc06
1.0
µs/div
WIPER
20mV/div
VH_ = 5.0V
CS
2.0V/div
Typical Operating Characteristics
(VDD = +5.0V, TA = +25
°C, unless otherwise noted.)


Similar Part No. - MAX5487EUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487ETE MAXIM-MAX5487ETE Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
More results

Similar Description - MAX5487EUD+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com