Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5484EUD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5484EUD
Description  10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5484EUD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5484EUD Datasheet HTML 4Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 5Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 6Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 7Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 8Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 9Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 10Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 11Page - Maxim Integrated Products MAX5484EUD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
10-Bit, Nonvolatile, Linear-Taper Digital
Potentiometers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
1
μs/div
TAP-TO-TAP SWITCHING TRANSIENT
RESPONSE (MAX5481)
VW
(AC-COUPLED)
20mV/div
CS
2V/div
MAX5481 toc28
H = VDD, L = GND
CW = 10pF
FROM CODE 01 1111 1111
TO CODE 10 0000 0000
4
μs/div
TAP-TO-TAP SWITCHING TRANSIENT
RESPONSE (MAX5482)
VW
(AC-COUPLED)
20mV/div
CS
2V/div
MAX5481 toc29
H = VDD, L = GND
CW = 10pF
FROM CODE 01 1111 1111
TO CODE 10 0000 0000
WIPER RESPONSE vs. FREQUENCY
(MAX5481)
FREQUENCY (kHz)
100
10
1
-20
-15
-10
-5
0
-25
0.1
1000
CW = 10pF
CW = 30pF
CODE = 01111 01111
WIPER RESPONSE vs. FREQUENCY
(MAX5482)
FREQUENCY (kHz)
100
10
1
-20
-15
-10
-5
0
-25
0.1
1000
CW = 10pF
CW = 30pF
CODE = 01111 01111
THD+N vs. FREQUENCY
(MAX5481)
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
100
CODE 01111 01111
CW = 10pF
THD+N vs. FREQUENCY
(MAX5482)
FREQUENCY (kHz)
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
100
CODE 01111 01111
CW = 10pF
0
40
20
80
60
120
100
140
180
160
200
0
256 384
128
512 640 768 896 1024
RATIOMETRIC TEMPERATURE
COEFFICIENT vs. CODE
CODE
50k
Ω
VOLTAGE-DIVIDER
VDD = +3V
TA = -40
°C TO +85°C
10k
Ω
0
100
300
200
500
600
400
700
VARIABLE-RESISTOR TEMPERATURE
COEFFICIENT vs. CODE
0
256 384
128
512 640 768 896 1024
CODE
50k
Ω
VDD = +3V
TA = -40
°C TO +85°C
10k
Ω


Similar Part No. - MAX5484EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5484 MAXIM-MAX5484 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
More results

Similar Description - MAX5484EUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com