Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5484ETE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5484ETE+
Description  10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5484ETE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5484ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 9Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 10Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 11Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 12Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 13Page - Maxim Integrated Products MAX5484ETE+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10-Bit, Nonvolatile, Linear-Taper Digital
Potentiometers
10
______________________________________________________________________________________
Pin Description (continued)
PIN
TQFN
TSSOP
NAME
FUNCTION
4–7, 15
7, 8, 9, 13
N.C.
No Connection. Not internally connected.
1
12
D.N.C.
Do Not Connect. Leave unconnected for proper operation.
2
11
W
Wiper Terminal
3
10
L
Low Terminal
8, 16
14
VSS
Negative Power-Supply Input. For single-supply operation, connect VSS to GND. For dual-
supply operation, -2.5V
≤ VSS ≤ -0.2V as long as (VDD - VSS) ≤ 5.25V. Bypass VSS to GND
with a 0.1µF ceramic capacitor as close to the device as possible.
9
6
SPI/
UD
Interface-Mode Select. Select serial SPI interface when SPI/
UD = 1. Select serial up/down
interface when SPI/
UD = 0.
Serial SPI Interface Data Input (SPI/
UD = 1)
10
5
DIN(U/
D)
Up/Down Control Input (SPI/
UD = 0). With DIN(U/D) low, a high-to-low SCLK(INC) transition
decrements the wiper position. With DIN(U/
D) high, a high-to-low SCLK(INC) transition
increments the wiper position.
Serial SPI Interface Clock Input (SPI/
UD = 1)
11
4
SCLK(
INC) Wiper Increment Control Input (SPI/UD = 0). With CS low, the wiper position moves in the
direction determined by the state of DIN(U/
D) on a high-to-low transition.
12
3
CS
Active-Low Digital Input Chip Select
13
2
GND
Ground
14
1
VDD
Positive Power-Supply Input (+2.7V
≤ VDD ≤ +5.25V). Bypass VDD to GND with a 0.1µF
ceramic capacitor as close to the device as possible.
EP
Exposed Pad (TQFN Only). Externally connect EP to VSS or leave unconnected.
(MAX5483/MAX5484 Variable Resistors)


Similar Part No. - MAX5484ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5484 MAXIM-MAX5484 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
More results

Similar Description - MAX5484ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5494 MAXIM-MAX5494_06 Datasheet
687Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 2; 1/06
MAX5494 MAXIM-MAX5494 Datasheet
859Kb / 20P
   10-Bit, Dual, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 1; 6/05
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com