Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6323 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6323
Description  μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6323 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6323_11 Datasheet HTML 1Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 2Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 3Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 4Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 5Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 6Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 7Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 8Page - Maxim Integrated Products MAX6323_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
µP Supervisory Circuits with Windowed
(Min/Max) Watchdog and Manual Reset
_______________________________________________________________________________________
5
500
µs/div
MAX6323/24-10
WDI
2V/div
2V/div
WDPO
FAST WATCHDOG TIMEOUT PERIOD
MAX6323AUT23
5ms/div
MAX6323/24-11
WDI
2V/div
2V/div
WDPO
SLOW WATCHDOG TIMEOUT PERIOD
MAX6323AUT23
Typical Operating Characteristics (continued)
(VCC = full range, TA = +25°C, unless otherwise noted.)
Pin Description
Active-Low. Reset is asserted when VCC drops below VTH and remains asserted until VCC rises above VTH
for the duration of the reset timeout period. The MAX6323 has a push-pull output and the MAX6324 has an
open-drain output. Connect a pullup resistor from RESET to any supply voltage up to +6V.
Watchdog Pulse Output. The open-drain WDPO output is pulsed low for 1ms (typ) upon detection of a fast
or slow watchdog fault. WDPO is only active when RESET is high.
WDPO
5
RESET
6
Supply Voltage for the Device. Input for VCC reset monitor. For noisy systems, bypass VCC with a 500pF
(min) capacitor.
VCC
4
Watchdog Input. The internal watchdog timer clears to zero on the falling edge of WDI or when RESET goes
high. If WDI sees another falling edge within the factory-trimmed watchdog window, WDPO will remain
unasserted. Transitions outside this window, either faster or slower, will cause WDPO to pulse low for 1ms
(typ).
WDI
3
PIN
Ground
GND
2
Active-Low, Manual Reset Input. When MR is asserted low, RESET is asserted low, the internal watchdog
timer is reset to zero, and WDPO is reset to high impedance (open drain). After the rising edge of MR,
RESET is asserted for at least 100ms. Leave MR unconnected or connect to VCC if unused.
MR
1
FUNCTION
NAME


Similar Part No. - MAX6323_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
More results

Similar Description - MAX6323_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6323AUT46-T MAXIM-MAX6323AUT46-T Datasheet
174Kb / 13P
   μP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 6; 1/11
MAX6323-MAX6324 MAXIM-MAX6323-MAX6324 Datasheet
717Kb / 12P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 3; 3/04
MAX6323 MAXIM-MAX6323_10 Datasheet
149Kb / 13P
   uP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 5; 5/10
MAX6323 MAXIM-MAX6323_V01 Datasheet
1Mb / 14P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
2018
MAX6323 MAXIM-MAX6323 Datasheet
226Kb / 12P
   關P Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset
Rev 2; 2/03
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_07 Datasheet
232Kb / 15P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 7; 11/07
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6316 MAXIM-MAX6316_10 Datasheet
150Kb / 14P
   5-Pin μP Supervisory Circuits with Watchdog and Manual Reset
Rev 9; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com