Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6037CAUK12+T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6037CAUK12+T
Description  Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6037CAUK12+T Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6037CAUK12+T Datasheet HTML 1Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 2Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 3Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 4Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 5Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 6Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 7Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 8Page - Maxim Integrated Products MAX6037CAUK12+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Low-Power, Fixed and Adjustable Reference
with Shutdown in SOT23
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX6037_12 (VOUT = 1.25V)
(VIN = VSHDN = +3V, IOUT = 0, COUT = 0.1µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, OUT, SHDN, ADJ to GND...................................-0.3V to +6V
Output Short Circuit to GND or IN............................. Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C)............571mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6037A_12 (0.2%)
1.2475
1.250
1.2525
MAX6037B_12 (0.3%)
1.2462
1.250
1.2538
Output Voltage
VOUT
TA = +25
°C
MAX6037C_12 (0.5%)
1.2438
1.250
1.2563
V
MAX6037A_12
6
25
Output-Voltage Temperature
Coefficient (Note 2, 4)
TCVOUT
MAX6037B/C_12
6
50
ppm/
°C
Line Regulation
∆VOUT/∆VIN
2.5V
≤ VIN ≤ 5.5V
0.0006
0.0096
%/V
Sourcing: 0
≤ IOUT ≤ 1mA
0.008
0.072
Sourcing: 1mA
≤ IOUT ≤ 5mA
0.006
0.072
Sinking: -1mA
≤ IOUT ≤ 0
0.025
0.12
Load Regulation
∆VOUT/∆IOUT
Sinking: -5mA
≤ IOUT ≤ -1mA
0.014
0.12
%/mA
Short to GND
16
OUT Short-Circuit Current
ISC
Short to IN
32
mA
Thermal Hysteresis (Note 3)
∆VOUT/cycle
485
ppm
Long-Term Stability
∆VOUT/time
1000h at TA = +25
°C
133
ppm
DYNAMIC
f = 0.1Hz to 10Hz
6
µVP-P
Noise Voltage
eOUT
f = 10Hz to 1kHz
15
µVRMS
Initial power-up
360
Turn-On Settling Time
tR
To VOUT = 0.1%
of final value,
COUT = 0.02µF
VIN = 3V, SHDN pulled
from low to high
75
µs
Output Impedance when
Disabled
ZOUT
VIN = 3V, VSHDN = 0V
125
kΩ
Capacitive-Load Stability
Range (Note 4)
COUT
0.02
1µF
INPUT
Supply Voltage Range
VIN
Guaranteed by line regulation test
2.5
5.5
V
Quiescent Supply Current
IIN
190
275
µA
Shutdown Supply Current
ISHDN
VSHDN = 0V
0.05
500
nA


Similar Part No. - MAX6037CAUK12+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037CAUK12 MAXIM-MAX6037CAUK12 Datasheet
450Kb / 17P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 0; 2/04
MAX6037CAUK12-T MAXIM-MAX6037CAUK12-T Datasheet
450Kb / 17P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 0; 2/04
More results

Similar Description - MAX6037CAUK12+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6037 MAXIM-MAX6037 Datasheet
450Kb / 17P
   Low-Power, Fixed and Adjustable Reference with Shutdown in SOT23
Rev 0; 2/04
logo
California Micro Device...
CMV7106 CALMIRCO-CMV7106 Datasheet
146Kb / 9P
   CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
   1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
TelCom Semiconductor, I...
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
   LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
logo
Microchip Technology
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
   Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
logo
California Micro Device...
CMC7106 CALMIRCO-CMC7106 Datasheet
958Kb / 11P
   CMC7106 Low Power Operational Amplifier, RRIO, with Shutdown, SOT23-6
logo
Microchip Technology
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
   Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
   Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
logo
TelCom Semiconductor, I...
TC1014 TELCOM-TC1014 Datasheet
109Kb / 10P
   50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
logo
Unisonic Technologies
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
   150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com