Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6639 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6639
Description  Evaluation Kit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6639 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6639 Datasheet HTML 2Page - Maxim Integrated Products MAX6639 Datasheet HTML 3Page - Maxim Integrated Products MAX6639 Datasheet HTML 4Page - Maxim Integrated Products MAX6639 Datasheet HTML 5Page - Maxim Integrated Products MAX6639 Datasheet HTML 6Page - Maxim Integrated Products MAX6639 Datasheet HTML 7Page - Maxim Integrated Products MAX6639 Datasheet HTML 8Page - Maxim Integrated Products MAX6639 Datasheet HTML 9Page - Maxim Integrated Products MAX6639 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Fan-Start Temperature
The minimum fan-start temperature register contains
the temperature at which fan control begins. Note: This
applies only to automatic RPM mode. Refer to the
MAX6639 IC data sheet for more information on auto-
matic RPM mode operation.
Read the minimum fan-start temperature by pressing
the Read button (Figure 1). The value (in Celsius) is
shown to the right of the button. Change the minimum
fan-start temperature by entering the values (in Celsius)
into the edit boxes and pressing the Write buttons.
Global Configuration
The global configuration register has several functions.
Figure 2 displays the checkboxes that configure the
register. Each checkbox corresponds to a bit in the
register. Table 2 describes the function of each check-
box. Read the global configuration register by pressing
the Read button. Change the global configuration reg-
ister by checking or unchecking the desired function
checkbox and pressing the Write button.
Mask
The mask register enables or disables the
ALERT, OT,
THERM, or FANFAIL outputs. Figure 3 displays the
checkboxes that configure the register. Each checkbox
corresponds to a bit in the register. Table 3 describes
the function of each checkbox. Read the mask register
by pressing the Read button. Change the mask by
selecting or deselecting the desired masks and press-
ing the Write button.
Status
The Status (0x02) group box displays the critical and
fault conditions that occur. Each line corresponds to a
bit in the registers. See Table 4 for a list of the status
conditions.
Read the status by pressing the Read Status button
within the Status (0x02) group box.
Fan 1 and Fan 2 Configuration 1
The fan 1 Configuration 1 (0x10) and fan 2
Configuration 1 (0x14) group boxes control the modes
of operation of the fans (Figure 4). The Configuration 1
(0x14) group box is not shown, but can be accessed
by navigating to the Fan 2 tab sheet from Figure 4.
These group boxes contain four items: Mode, Rate of
Change, Control, and RPM Range.
The Mode drop-down list has two options: PWM mode
or RPM mode. Select PWM mode to control the PWM
duty cycle manually. RPM mode allows for either man-
ual or automatic control of the fan’s RPM.
The Rate of Change drop-down list sets the time
between adjustments of the duty cycle. Each adjust-
ment is 1/120 of the PWM period. By adjusting the Rate
MAX6639 Evaluation Kit
6
_______________________________________________________________________________________
Table 2. Global Configuration Register Checkboxes
BIT
NAME
STATE
DESCRIPTION
Checked
Places the MAX6639 in software standby mode
7
STOP
Unchecked*
Places the MAX6639 in operational mode
Checked
Resets all registers to their default values, including the global configuration
register. After selecting the POR checkbox, the checkbox returns to the
unchecked state.
6
POR
Unchecked*
Normal operation
Checked*
Enables the SMBus timeout
5
SMB Timeout
Enabled
Unchecked
Disables the SMBus timeout, as well as the alert response, thus providing true
I2C compatibility
Checked*
The local sensor on the MAX6639 is the source for channel 2
4
Channel 2
Source = Local
Unchecked
The remote sensor connected to DXP2 and DXN is the source for channel 2
Checked
Enables high-frequency PWM output on the MAX6639
3
High-Freq Enabled
(MAX6639 only)
Unchecked*
Enables low-frequency PWM output
2
Reserved
N/A
Not used
1
Reserved
N/A
Not used
0
Reserved
N/A
Not used
*
Power-on-reset (POR) state.


Similar Part No. - MAX6639

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639 MAXIM-MAX6639 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639 Datasheet
203Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6639AEE MAXIM-MAX6639AEE Datasheet
282Kb / 22P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639AEE MAXIM-MAX6639AEE Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results

Similar Description - MAX6639

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17681EVKITC MAXIM-MAX17681EVKITC Datasheet
2Mb / 11P
   Evaluation Kit
Rev 0; 2/16
logo
STMicroelectronics
UM0382 STMICROELECTRONICS-UM0382 Datasheet
1Mb / 32P
   Evaluation Kit
January 2007 Rev 2
logo
Maxim Integrated Produc...
MAX2043 MAXIM-MAX2043_1 Datasheet
190Kb / 7P
   Evaluation Kit
Rev 0; 5/06
MAX2170 MAXIM-MAX2170 Datasheet
446Kb / 8P
   Evaluation Kit
Rev 0; 12/06
MAX2396 MAXIM-MAX2396 Datasheet
730Kb / 13P
   Evaluation Kit
Rev 0; 5/03
MAX2410 MAXIM-MAX2410_1 Datasheet
82Kb / 8P
   Evaluation Kit
Rev 1; 3/98
MAX2411A MAXIM-MAX2411A_1 Datasheet
96Kb / 6P
   Evaluation Kit
Rev 1; 2/98
MAX2685 MAXIM-MAX2685_1 Datasheet
162Kb / 6P
   Evaluation Kit
Rev 0; 7/99
MAX3558 MAXIM-MAX3558_1 Datasheet
471Kb / 5P
   Evaluation Kit
Rev 0; 11/03
MAX2649 MAXIM-MAX2649_1 Datasheet
163Kb / 4P
   Evaluation Kit
Rev 0; 9/02
logo
Advantech Co., Ltd.
SOM-DK5992 ADVANTECH-SOM-DK5992 Datasheet
509Kb / 2P
   Evaluation Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com