Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6680 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6680
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6680 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6680_05 Datasheet HTML 1Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 2Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 3Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 4Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 5Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 6Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 7Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 8Page - Maxim Integrated Products MAX6680_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Typical Operating Circuit, VCC = 3.0V to 5.5V, TA = -25°C to +125°C, unless otherwise specified. Typical values are at VCC
= 3.3V and TA = +25°C.)
Note 1: TA = +25°C to +85°C.
Note 2: If both the local and the remote junction are below TA = -20°C, then VCC > 3.15V.
Note 3: Conversions done in extended mode. For legacy mode, current is approximately half.
Note 4: Timing specifications guaranteed by design.
Note 5: The serial interface resets when SMBCLK or SMBDATA is low for more than tTIMEOUT.
Note 6: A transition must internally provide at least a hold time to bridge the undefined region (300ns max) of SMBCLK’s falling edge.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CRIT0, CRIT1, ADD0, ADD1, RESET, INT_SEL, SENS_SEL
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
ILEAK
-1
+1
µA
(
ALERT, OVERT)
Output Low Sink Current
VOL = 0.4V
1
mA
Output High Leakage Current
VOH = 5.5V
1
µA
SMBus INTERFACE (SMBCLK, SMBDATA,
STBY)
Logic Input Low Voltage
VIL
0.8
V
VCC = 3.0V
2.2
Logic Input High Voltage
VIH
VCC = 5.5V
2.4
V
Input Leakage Current
ILEAK
VIN = GND or VCC
±2
µA
Output Low Sink Current
IOL
VOL = 0.6V
6
mA
Input Capacitance
CIN
5pF
SMBus-COMPATIBLE TIMING (Note 5)
Serial Clock Frequency (Note 5)
fSCL
100
kHz
Bus Free Time Between STOP
and START Condition
tBUF
4.7
µs
START Condition Setup Time
4.7
µs
Repeat START Condition Setup
Time
tSU:STA
90% to 90%
50
ns
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
4
µs
STOP Condition Setup Time
tSU:STO
90% of SMDCLK to 90% of SMBDATA
4
µs
Clock Low Period
tLOW
10% to 10%
4.7
µs
Clock High Period
tHIGH
90% to 90%
4
µs
Data Setup Time (Note 6)
tHD:DAT
250
ns
Receive SCL/SDA Rise Time
tR
1µs
Receive SCL/SDA Fall Time
tF
300
ns
Pulse Width of Spike Suppressed
tSP
050
ns
SMBus Timeout (Note 5)
SMBDATA low period for interface reset
25
37
45
ms


Similar Part No. - MAX6680_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6680MEE MAXIM-MAX6680MEE Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results

Similar Description - MAX6680_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com