Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6681MEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6681MEE
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6681MEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6681MEE Datasheet HTML 5Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 6Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 7Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 8Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 9Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 10Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 11Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 12Page - Maxim Integrated Products MAX6681MEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
ture registers are not updated. The previous data is not
changed and remains available.
SMBus Digital Interface
From a software perspective, the MAX6680/MAX6681
appear as a series of 8-bit registers that contain tem-
perature data, alarm threshold values, and control bits.
A standard SMBus-compatible 2-wire serial interface is
used to read temperature data and write control bits
and alarm threshold data. The device responds to the
same SMBus slave address for access to all functions.
The MAX6680/MAX6681 employ four standard SMBus
protocols: Write Byte, Read Byte, Send Byte, and
Receive Byte (Figure 3). The shorter Receive Byte pro-
tocol allows quicker transfers, provided that the correct
data register was previously selected by a Read Byte
instruction. Use caution with the shorter protocols in
multimaster systems, since a second master could
overwrite the command byte without informing the first
master.
When the conversion rate is 8Hz, temperature data can
be read from the Read Internal Temperature (00h) and
Read External Temperature (01h) registers. The tem-
perature data format in these registers is 7 bits + sign
in two’s-complement form for each channel, with the
LSB representing 1°C (Table 2). The MSB is transmitted
first. Extended range extends the temperature data
range of the local and remote sensor to -64°C. Extended
range is activated by setting bit 3 of the Configuration
register to 1.
When the conversion rate is 4Hz or less, temperature
data can be read from the Read Internal Temperature
(00h) and Read External Temperature (01h) registers,
the same as for faster conversion rates. An additional 3
bits can be read from the Read External Extended
Temperature (10h), which extends the remote tempera-
ture data to 10 bits + sign and the resolution to 0.125°C
per LSB (Table 3).
When a conversion is complete, the Main register and
the Extended register are updated almost simultane-
ously. Ensure that no conversions are completed
between reading the Main and Extended registers so
that when data that is read by both registers contain
the result of the same conversion.
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
_______________________________________________________________________________________
9
ACK
7 bits
ADDRESS
ACK
WR
8 bits
DATA
ACK
1
P
8 bits
S
COMMAND
Write Byte Format
Read Byte Format
Send Byte Format
Receive Byte Format
Slave Address: equiva-
lent to chip-select line of
a 3-wire interface
Command Byte: selects which
register you are writing to
Data Byte: data goes into the register
set by the command byte (to set
thresholds, configuration masks, and
sampling rate)
ACK
7 bits
ADDRESS
ACK
WR
S
ACK
8 bits
DATA
7 bits
ADDRESS
RD
8 bits
///
P
COMMAND
Slave Address: equiva-
lent to chip-select line
Command Byte: selects
which register you are
reading from
Slave Address: repeated
due to change in data-
flow direction
Data Byte: reads from
the register set by the
command byte
ACK
7 bits
ADDRESS
WR
8 bits
COMMAND
ACK
P
ACK
7 bits
ADDRESS
RD
8 bits
DATA
///
P
S
Command Byte: sends com-
mand with no data, usually
used for one-shot command
Data Byte: reads data from
the register commanded
by the last Read Byte or
Write Byte transmission;
also used for SMBus Alert
Response return address
S = Start condition
Shaded = Slave transmission
P = Stop condition
/// = Not acknowledged
Figure 3. SMBus Protocols


Similar Part No. - MAX6681MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6681MEE MAXIM-MAX6681MEE Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results

Similar Description - MAX6681MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com