Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6681 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6681
Description  ±1°C Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6681 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6681 Datasheet HTML 1Page - Maxim Integrated Products MAX6681 Datasheet HTML 2Page - Maxim Integrated Products MAX6681 Datasheet HTML 3Page - Maxim Integrated Products MAX6681 Datasheet HTML 4Page - Maxim Integrated Products MAX6681 Datasheet HTML 5Page - Maxim Integrated Products MAX6681 Datasheet HTML 6Page - Maxim Integrated Products MAX6681 Datasheet HTML 7Page - Maxim Integrated Products MAX6681 Datasheet HTML 8Page - Maxim Integrated Products MAX6681 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
±1°C Fail-Safe Remote/Local Temperature
Sensors with SMBus Interface
4
_______________________________________________________________________________________
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
1
2
3
4
5
6
7
8
9
10
0
3.0
5.5
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
CONVERSION RATE (Hz)
100
200
300
400
500
600
0
AVERAGE OPERATING SUPPLY CURRENT
vs. CONVERSION RATE
8Hz IS 1°C
RESOLUTION
TEMPERATURE (°C)
125
100
75
50
25
0
-25
-2
-1
0
1
2
3
-3
-50
150
TEMPERATURE ERROR
vs. REMOTE-DIODE TEMPERATURE
TEMPERATURE (°C)
100
50
0
-2
-1
0
1
2
3
-3
-50
150
LOCAL TEMPERATURE ERROR
vs. DIE TEMPERATURE
FREQUENCY (Hz)
1M
10k
100
0
0.2
0.4
0.6
0.8
1.0
1.2
-0.2
110M
100k
1k
10
100M
TEMPERATURE ERROR
vs. POWER-SUPPLY NOISE FREQUENCY
VIN = 100mV SQUARE WAVE
APPLIED TO VCC WITH NO
0.1µF VCC CAPACITOR
LOCAL
DIODE
REMOTE
DIODE
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
-1
0
1
2
3
4
5
-2
1
100M
TEMPERATURE ERROR
vs. COMMON-MODE NOISE FREQUENCY
VIN = 100mVP-P SQUARE WAVE
AC-COUPLED TO DXN
FREQUENCY (Hz)
10M
1M
100k
10k
1k
0
1
2
3
-1
100
100M
TEMPERATURE ERROR
vs. DIFFERENTIAL NOISE FREQUENCY
VIN = 10mVP-P SQUARE WAVE
APPLIED TO DXP-DXN
DXP-DXN CAPACITANCE (nF)
90
80
70
60
50
40
30
20
10
-4
-3
-2
-1
0
1
-5
0100
TEMPERATURE ERROR
vs. DXP-DXN CAPACITANCE


Similar Part No. - MAX6681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6681 MAXIM-MAX6681 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6681MEE MAXIM-MAX6681MEE Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
More results

Similar Description - MAX6681

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6680 MAXIM-MAX6680 Datasheet
194Kb / 17P
   Fail-Safe Remote/Local Temperature Sensors with SMBus Interface
Rev 0; 4/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6695 MAXIM-MAX6695_11 Datasheet
299Kb / 19P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 3; 4/11
MAX6695 MAXIM-MAX6695 Datasheet
192Kb / 20P
   Dual Remote/Local Temperature Sensors with SMBus Serial Interface
Rev 1; 5/04
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com