Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6691MUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6691MUB
Description  Four-Channel Thermistor Temperature-to-Pulse-Width Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6691MUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6691MUB Datasheet HTML 1Page - Maxim Integrated Products MAX6691MUB Datasheet HTML 2Page - Maxim Integrated Products MAX6691MUB Datasheet HTML 3Page - Maxim Integrated Products MAX6691MUB Datasheet HTML 4Page - Maxim Integrated Products MAX6691MUB Datasheet HTML 5Page - Maxim Integrated Products MAX6691MUB Datasheet HTML 6Page - Maxim Integrated Products MAX6691MUB Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
General Description
The MAX6691 four-channel thermistor temperature-to-
pulse-width converter measures the temperatures of up
to four thermistors and converts them to a series of out-
put pulses whose widths are related to the thermistors’
temperatures. Each of the four thermistors and an
external fixed resistor (REXT) form a voltage-divider that
is driven by the MAX6691’s internal voltage reference
(VREF). VREF and the voltage across REXT are mea-
sured and converted to a pulse.
The MAX6691 has a single open-drain I/O pin that can
be readily connected to a variety of microcontrollers.
The microcontroller initiates a conversion by pulling the
I/O pin low and releasing it. When conversion is done,
the MAX6691 signals the end of conversion by pulling
the I/O pin low once again. The pulse corresponding to
the first thermistor is sent immediately after the release
of the I/O pin.
The on-chip power-management circuitry reduces the
average thermistor current to minimize errors due to
thermistor self-heating. Between conversions, the
MAX6691 falls into a 10µA (max) sleep mode, where
the voltage reference is disabled and the supply cur-
rent is at its minimum.
The MAX6691 is available in a 10-pin µMAX package
and is specified from -55°C to +125°C temperature
range.
Applications
HVAC
Home Appliances
Medical Devices
Features
♦ Simple Single-Wire Interface
♦ Measures Up to Four Thermistor Temperatures
♦ Low-Average Thermistor Current Minimizes Self-
Heating Errors
♦ Internal Voltage Reference Isolates Thermistor
from Power-Supply Noise
♦ Accommodates Any Thermistor Temperature
Range
Four-Channel Thermistor Temperature-to-Pulse-
Width Converter
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
VCC
I/O
N.C.
GND
T4
T3
T2
T1
MAX6691
µMAX
TOP VIEW
R+
R-
Pin Configuration
1
2
3
4
5
10
9
8
7
6
VCC
I/O
N.C.
GND
T4
T3
T2
T1
MAX6691
TOP VIEW
R+
R-
T4
T3
T2
T1
MICRO-
CONTROLLER
10k
VCC
REXT
Typical Application Circuit
19-2304; Rev 1; 2/07
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX6691MUB
-55
°C to +125°C
10 µMAX
U10-2


Similar Part No. - MAX6691MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6691MUB MAXIM-MAX6691MUB Datasheet
151Kb / 7P
   Four-Channel Thermistor Temperature-to-Pulse- Width Converter
Rev 0; 1/02
More results

Similar Description - MAX6691MUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6691 MAXIM-MAX6691 Datasheet
151Kb / 7P
   Four-Channel Thermistor Temperature-to-Pulse- Width Converter
Rev 0; 1/02
MAX6682 MAXIM-MAX6682 Datasheet
145Kb / 9P
   Thermistor-to-Digital Converter
Rev 0; 2/02
logo
New Jersey Semi-Conduct...
IRFM254 NJSEMI-IRFM254 Datasheet
93Kb / 1P
   Pulse width limited by Maximum Junction Temperature
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Data Delay Devices, Inc...
PWD-21 DATADELAY-PWD-21 Datasheet
115Kb / 1P
   PULSE WIDTH DISCRIMINATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
AUK corp
S494 AUK-S494 Datasheet
339Kb / 8P
   Pulse Width Modulation
logo
Suntac Electronic Corp.
STC494 SUNTAC-STC494 Datasheet
236Kb / 8P
   Pulse Width Modulation
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
   Pulse Width Modulation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com